Electronic Components Datasheet Search
  English  ▼

X  

M9280 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M9280
Description  VDD CONTROL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M9280 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M9280 Datasheet HTML 1Page - List of Unclassifed Manufacturers M9280 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VDD CONTROL
128 音符音樂 IC
1/2
2001-07-31
MELODY
M9280
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
.
.
.
.
..
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
功能敘述
功能敘述
功能敘述
• Wide operating range : 1.5~3.5V.
• Minimum external component.
APPLICATION 產品應用
產品應用
產品應用
產品應用
• Toys, Melody card etc.
ELECTRICAL CHARACTERISTICS 電氣規格
電氣規格
電氣規格
電氣規格
( @VDD=1.5V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
VDD
―
1.5
3.5
V
工作電流 Operating Current
IOP
―
0.1
0.5
mA
No load
靜態電流 Quiescent Current
ISB
―
―
―
μA
推動電流 BZ Driving Current
IO
1
―
―
mA
@ VDS=1V
推動電流 LO Driving Current
IOL
6
―
―
mA
@ VDS=1.2V
振盪頻率 Oscillator Frequency
FOSC
―
100
―
KHz
±30% TOL.
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
VDD
BZ
TUNE
TUNE
VSS
BB
BZ
VDD
M9280
底
底
底
底=VSS
1.1 x 1.0mm
2
OUT
VDD
VSS
TO92-3L
VDD


Similar Part No. - M9280

ManufacturerPart #DatasheetDescription
logo
ORION FANS
M92-30 ORIONFANS-M92-30 Datasheet
449Kb / 1P
Plastic - reinforced ABS
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
Ultra Low Jitter Quad Frequency Oscillator
logo
Enercon Technologies Eu...
M9201-100 ENERCON-M9201-100 Datasheet
372Kb / 6P
Shipboard, 48VDC/3.6KW Power Supply
Oct 1, 2020
logo
Keysight Technologies
M9202A KEYSIGHT-M9202A Datasheet
1Mb / 10P
PXI-Express Wideband IF Digitizer
M9202A KEYSIGHT-M9202A Datasheet
1Mb / 12P
M9362AD01
More results

Similar Description - M9280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3764 ETC-M3764 Datasheet
107Kb / 1P
VDD CONTROL ALARM SOUND
M1346 ETC-M1346 Datasheet
745Kb / 3P
VDD CONTROL RGB LED IC
M994A ETC1-M994A Datasheet
105Kb / 1P
VDD CONTROL DUAL TONE
logo
Eorex Corporation
EM44CM1688LBB EOREX-EM44CM1688LBB Datasheet
415Kb / 29P
JEDEC Standard VDD/VDDQ
logo
MOSDESIGN SEMICONDUCTOR...
M1343 MOSDESIGN-M1343 Datasheet
139Kb / 2P
VDD CONTROL RGB LED IC (Source)
2006-03-31
M1346 MOSDESIGN-M1346 Datasheet
216Kb / 3P
VDD CONTROL RGB LED IC
2011-10-21
M1362 MOSDESIGN-M1362 Datasheet
99Kb / 2P
VDD CONTROL RGB LED IC (Source)
2011-08-18
M994A MOSDESIGN-M994A Datasheet
174Kb / 2P
VDD CONTROL DUAL TONE
2020-09-01
M3764-518 MOSDESIGN-M3764-518 Datasheet
137Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
VDD CONTROL ALARM SOUND
2011-05-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com