Electronic Components Datasheet Search
  English  ▼

X  

MAX107 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX107
Description  Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX107 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX107 Datasheet HTML 1Page - Maxim Integrated Products MAX107 Datasheet HTML 2Page - Maxim Integrated Products MAX107 Datasheet HTML 3Page - Maxim Integrated Products MAX107 Datasheet HTML 4Page - Maxim Integrated Products MAX107 Datasheet HTML 5Page - Maxim Integrated Products MAX107 Datasheet HTML 6Page - Maxim Integrated Products MAX107 Datasheet HTML 7Page - Maxim Integrated Products MAX107 Datasheet HTML 8Page - Maxim Integrated Products MAX107 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Dual, 6-Bit, 400Msps ADC with On-Chip,
Wideband Input Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC, AVCCI, AVCCQ and AVCCR to AGND............-0.3V to +6V
OVCCI and OVCCQ to OGND...................................-0.3V to +4V
AGND to OGND ................................................... -0.3V to +0.3V
P0I± to P5I± and A0I± to A5I±
DREADY+, DREADY- to OGNDI ..............-0.3V to OVCCI+0.3V
P0Q± to P5Q±, A0Q± to A5Q±
DOR+ and DOR- to OGNDQ .................-0.3V to OVCCQ+0.3V
REF to AGNDR...........................................-0.3V to AVCCR+0.3V
Differential Voltage Between INI+ and INI- ....................-2V, +2V
Differential Voltage Between INQ+ and INQ-.................-2V, +2V
Differential Voltage Between CLK+ and CLK- ...............-2V, +2V
Maximum Current Into Any Pin ...........................................50mA
Continuous Power Dissipation (TA = +70°C)
80-Pin TQFP (derate 44mW/°C above +70°C)..................3.5W
Operating Temperature Range
MAX107ECS .....................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead temperature (soldering, 10s) ..................................+300°C
ELECTRICAL CHARACTERISTICS
(AVCC = AVCCI = AVCCQ = AVCCR = +5V, OVCCI = OVCCQ = +3.3V, AGND = AGNDI = AGNDQ = AGNDR = 0, OGNDI = OGNDQ
= 0, fCLK = 401.408MHz, CL = 1µF to AGND at REF, RL = 100
Ω ±1% applied to digital LVDS outputs, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
6
Bits
Integral Nonlinearity (Note 1)
INL
-1
±0.2
1
LSB
Differential Nonlinearity
(Note 1)
DNL
No missing codes guaranteed
-1
±0.25
1
LSB
Offset Voltage
VOS
(Note 2)
-1
±0.25
1
LSB
Offset Matching Between ADCs
OM
(Note 2)
-0.5
±0.1
0.5
LSB
ANALOG INPUTS (INI+, INI-, INQ+, INQ-)
Input Open-Circuit Voltage
VAOC
2.4
2.5
2.6
V
Input Open-Circuit Voltage
Matching
(VINI+ - VIN-) - (VINQ+ - VINQ-)
±7.5
mV
Common Mode Input Voltage
Range (Note 3)
VCM
Signal + Offset w.r.t. AGND
1.85
3.05
V
Full-Scale Analog Input
Voltage Range (Note 4)
VFSR
0.76
0.8
0.84
Vp-p
Input Resistance
RIN
1.7
2
k
Ω
Input Capacitance
CIN
1.5
pF
Input Resistance Temperature
Coefficient
TCRIN
150
ppm/
°C
Full-Power Analog Input BW
FPBW-0.5dB
400
MHz
REFERENCE OUTPUT
Reference Output Resistance
RREF
Referenced to AGNDR
5
Ω
Reference Output Voltage
VREF
ISOURCE = 500
µA
2.45
2.50
2.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com