Electronic Components Datasheet Search
  English  ▼

X  

2N4402 Datasheet(PDF) 1 Page - First Components International

Part # 2N4402
Description  PNP General Purpose Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

2N4402 Datasheet(HTML) 1 Page - First Components International

  2N4402 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Data Sheet
PNP General Purpose Transistor
Mechanical Dimensions
2
3
1
V
CEO
40
V
V
CBO
40
V
V
EBO
5.0
V
I
C
600
mA
Total Device Dissipation FR-5 Board (Note1)
T
A = 25
o
C
Junction and Storage Temperature
Ratings
Maximum Ratings
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current (Continuous)
Symbol
Value
Units
P
D
625
mW
T
J, TSTG
-55 to 150
o
C
Electrical Characteristics @ 25oC
Characteristic
Symbol
Min
Max
Unit
Collector - Emitter Breakdown Voltage
(I
C = 1.0mA)
Collector - Base Breakdown Voltage
(I
C = 0.1mA)
Emitter - Base Breakdown Voltage
(I
E = 0.01mA)
Collector Cutoff Current
(V
CE = 35V, VEB = 0.4V)
DC Current Gain
(I
C = 1.0 mA, VCE = 1.0 V)
(I
C = 10 mA, VCE = 1.0 V)
(I
C = 150 mA, VCE = 2.0 V)
(I
C = 500 mA, VCE = 2.0 V)
Collector - Emitter Saturation Voltage (Note 3)
(I
C = 150 mA, IB = 15 mA)
(I
C = 500 mA, IB = 50 mA)
Base - Emitter Saturation Voltage (Note 3)
(I
C = 150 mA, IB = 15 mA)
(I
C = 500 mA, IB = 50 mA)
Current - Gain - Bandwidth Product
(I
C = 20 mA, VCE = 10 V)
V
BR(CEO)
40
---
V
V
BR(CBO)
40
---
V
V
BR(EBO)
5.0
---
V
I
CEX
---
0.1
µA
h
FE
---
30
---
50
---
50
150
20
---
V
CE(sat)
V
---
0.4
---
0.75
V
BE(sat)
V
---
0.95
---
1.3
f
T
150
---
MHz
1
2
3
TO-92


Similar Part No. - 2N4402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4402 ONSEMI-2N4402 Datasheet
297Kb / 6P
General Purpose Transistors(PNP Silicon)
1996
logo
Semtech Corporation
2N4402 SEMTECH-2N4402 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Fairchild Semiconductor
2N4402 FAIRCHILD-2N4402 Datasheet
26Kb / 2P
PNP General Purpose Amplifier
logo
Micro Electronics
2N4402 MICRO-ELECTRONICS-2N4402 Datasheet
189Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Diotec Semiconductor
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - 2N4402

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com