Electronic Components Datasheet Search
  English  ▼

X  

2N7002E Datasheet(PDF) 2 Page - First Components International

Part # 2N7002E
Description  Super high dense cell design for low RDS (ON).
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

2N7002E Datasheet(HTML) 2 Page - First Components International

  2N7002E Datasheet HTML 1Page - First Components International 2N7002E Datasheet HTML 2Page - First Components International 2N7002E Datasheet HTML 3Page - First Components International 2N7002E Datasheet HTML 4Page - First Components International 2N7002E Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 10uA
=
60
V
Zero Gate Voltage Drain Current
IDSS
VDS 60V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
100
nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
2.5
V
Drain-Source On-State R esistance
R DS(ON)
VGS 10V, ID 250mA
3.0
VGS 5V, ID 50mA
4.0
On-State Drain Current
ID(ON)
VDS = 7V, VGS = 10V
500
80
mA
mS
Forward Transconductance
FS
g
VDS 7V, ID 200mA
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =25V, VGS = 0V
f =1.0MHZ
19
50
P
F
10
25
P
F
P
F
3
5
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 30V,
ID = 100mA,
VGS = 10V,
RGEN=10 ohm
20
ns
ns
ns
ns
6
20
3
C
Fall Time
=
=
=
=
=
=
2
7
2.0
ohm
ohm
7.5
7.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com