Electronic Components Datasheet Search
  English  ▼

X  

BC817 Datasheet(PDF) 1 Page - First Components International

Part # BC817
Description  NPN Silicon Epitaxial Plannar Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BC817 Datasheet(HTML) 1 Page - First Components International

  BC817 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC817-16LT1
1.3
2.4
Unit : mm
SOT—23
1. BASE
2. EMITTER
3. COLLECTOR
BC817-25LT1
BC817-40LT1
FEATURES
Power dissipation
PCM :
0.3
W(Tamb=25℃)
Collector current
ICM
:
0.5
A
Collector-base voltage
VCBO :
50
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
VCBO
Ic= 10 μA, IE=0
50
V
Collector-emitter breakdown voltage
VCEO
Ic= 10
mA, IB=0
45
V
Emitter-base breakdown voltage
VEBO
IE= 1
μA, I
C=0
5
V
Collector cut-off current
ICBO
VCB= 45
V ,
IE=0
0.1
μA
Collector cut-off current
ICEO
VCE= 40
V ,
IB=0
0.2
μA
Emitter cut-off current
IEBO
VEB= 4
V,
IC=0
0.1
μA
DC current gain
817-16
817-25
817-40
hFE(1)
VCE= 1 V,
IC= 100mA
100
160
250
250
400
600
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA,
IB= 50 mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500 mA,
IB= 50mA
1.2
V
Transition frequency
fT
VCE= 5 V,
IC= 10mA
f=100MHz
100
MHz
DEVICE MARKING
BC817-16LT1=6A; BC817-25LT1=6B; BC817-40LT1=6C
NPN Silicon Epitaxial Plannar Transistors


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 PHILIPS-BC817 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Jun 01
logo
Transys Electronics
BC817 TRSYS-BC817 Datasheet
49Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BC817 ZETEX-BC817 Datasheet
37Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC4596E WINGS-2SC4596E Datasheet
69Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
BU407 WINGS-BU407 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
List of Unclassifed Man...
2SC3853 ETC1-2SC3853 Datasheet
278Kb / 2P
Silicon NPN Triple diffused Plannar
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
logo
First Components Intern...
BC807 FCI-BC807 Datasheet
128Kb / 2P
Silicon Epitaxial Plannar Transistors
logo
SHIKUES Electronics
LL4148 SKTECHNOLGY-LL4148 Datasheet
717Kb / 4P
Silicon Epitaxial Plannar Switching Diode
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com