Electronic Components Datasheet Search
  English  ▼

X  

F7630 Datasheet(PDF) 3 Page - First Components International

Part # F7630
Description  Fixed Multi-output Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

F7630 Datasheet(HTML) 3 Page - First Components International

  F7630 Datasheet HTML 1Page - First Components International F7630 Datasheet HTML 2Page - First Components International F7630 Datasheet HTML 3Page - First Components International F7630 Datasheet HTML 4Page - First Components International F7630 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PARAMETER
SYMBOL
RATINGS
UNITS
REMARK
20
20
0.5
1.5
+150
0 ~ +125
V
-
V
A
W
°C
°C
-
-
No Heatsink
-
-
VIN
VC
IO
PD
TJ
Topr
ABSOLUTE MAXIMUM RATINGS
DC Input Voltage
Disable Input Voltage
Output Current
Power Dissipation
Junction Temperature
Operating Temperature
INTERNAL BLOCK DIAGRAM
1
2
4
6
8
9
3
7
10
5
V1
IN
V2
IN
V1
IN
V2
IN
Output 1
Output 2
Output 2,3
1.4V
Disable
GND
Output 3
Control
10k
Vsys
A614 "Y"
Cd
100nF
RESET
DEL.CAP
-
+
SCP
-
+
10µA
SW
Bandgap
Reference
-
+
50mV
Thermal
Shut Down
+
-
OVP
+
-
SCP
+
-
OVP
SCP
2.5V
0.5Amp Fixed Multi-output Positive Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com