Electronic Components Datasheet Search
  English  ▼

X  

F7632 Datasheet(PDF) 5 Page - First Components International

Part # F7632
Description  Fixed Multi-output Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

F7632 Datasheet(HTML) 5 Page - First Components International

  F7632 Datasheet HTML 1Page - First Components International F7632 Datasheet HTML 2Page - First Components International F7632 Datasheet HTML 3Page - First Components International F7632 Datasheet HTML 4Page - First Components International F7632 Datasheet HTML 5Page - First Components International F7632 Datasheet HTML 6Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2.0 4.0 6.0 8.0 10
12
14 16
18 20
Input Voltage V
(V)
IN
Figure 1. Quiescent Current vs.
Input Voltage
T = 25°C
A
I 1= 10mA
O
3.3
3.0
2.5
1.5
1.0
0.5
0
0 2.0 4.0 6.0 8.0 10
12
14
16 18 20
Input Voltage V
1(V)
IN
Figure 2. Output Voltage 1 vs.
Input Voltage
T = 25°C
A
I 2 = 0A
O
V 2= 10V
IN
I 1 = 10mA
O
7.9
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
2.0 4.0 6.0 8.0 10
12
14 16
18 19.9
Input Voltage V
2(V)
IN
Figure 3. Output Voltage2 vs.
Input Voltage
T = 25°C
A
V 1= 6V
IN
I 1 = 0A
O
I 2 = 10mA
O
7.9
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0 0.2 0.4 0.6 0.8 1.01.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Disable Voltage (V)
Figure 4. Output Voltage vs.
Disable Voltage High (Low)
25.9
24.0
22.0
20.0
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Disable Voltage V
(V)
IN
3.34
3.32
3.30
3.28
3.26
3.24
3.22
0
25
50
75
100
125
150
Figure 5. Disable Bias Current vs.
Disable Voltage
Temperature T (°C)
J
Figure 6. Output Voltage1 vs.
Temperature (T = 0° ~ 150°)
A
T = 25°C
A
V 1= 6V
IN
V 2= 10.5V
IN
I 2 = 10mA
O
0.5Amp Fixed Multi-output Positive Voltage Regulator



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com