Electronic Components Datasheet Search
  English  ▼

X  

FC1286 Datasheet(PDF) 4 Page - First Components International

Part # FC1286
Description  1.5A Ultra Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC1286 Datasheet(HTML) 4 Page - First Components International

  FC1286 Datasheet HTML 1Page - First Components International FC1286 Datasheet HTML 2Page - First Components International FC1286 Datasheet HTML 3Page - First Components International FC1286 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Stability
The
FC1286-XX requires the use of an output capacitor as part of the frequency compensation in order to make the
regulator stable. Typical designs for the microprocessor application use standard electrolytic with typical ESR in the range
of 50 to 100m and an output capacitance of 100uF to 1000uF. Fortunately as the capacitance increases, the ESR
decreases resulting in a fixed RC time constant. The
FC1286-XX takes advantage of the phenomena in making the
overall regulator loop stable. For most applications a minimum of 100uF aluminum electrolytic capacitor insures both
stability and good transient response.
Thermal Design
The
FC1286-XX incorporates an internal thermal shutdown that protects the device when the junction temperature
exceeds the maximum allowable junction temperatures. Although this device can operate with junction temperatures in the
range of 150 : , it is recommended that the selected heat sink be chosen such that during maximum continuous load
operation, the junction temperature is kept below this number. The example below shows the steps in selecting the proper
surface mount package.
Assuming, the following conditions: Vout =2.5V, Vin =3.3V, Vctrl =5V, Iout =2A DC Avg.
Calculate the maximum power dissipation using the following equation: Pd =Iout*(Vin-Vout) + (Iout/60)*(Vctrl-Vout)
Pd =2*(3.3-2.5) + (2/60)*(5-2.5) =1.68W
Using table below select the proper package and the amount of copper board needed.
Package
Copper Area
JA
( /W)
:
Max Pd (Ta=25 )
:
Max Pd (Ta=45 )
:
TO-263-5L
Pad Size 1.4” * 1.4”
25 ~ 45
2.4W ~ 4.4W
2.0W ~ 3.6W
Note: Above table is based on the maximum junction temperature of 135 .
:
FC1286-XX 1.5A Ultra Low Dropout Positive Adjustable Regulator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com