Electronic Components Datasheet Search
  English  ▼

X  

FC2116 Datasheet(PDF) 1 Page - First Components International

Part # FC2116
Description  600mA Low Dropout CMOS Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC2116 Datasheet(HTML) 1 Page - First Components International

  FC2116 Datasheet HTML 1Page - First Components International FC2116 Datasheet HTML 2Page - First Components International FC2116 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FC2116 600mA Low Dropout CMOS Positive Voltage Regulator
FC2116
FC2116


Similar Part No. - FC2116

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC21 SANYO-FC21 Datasheet
31Kb / 5P
High-Frequency Amplifier, AM tuner RF Amplifier Applications
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
CMOS Low Dropout Voltage ( LDO ) Regulator
logo
Suzhou HangJing Electro...
FC21M2 HANGJING-FC21M2 Datasheet
327Kb / 1P
TUNING FORK CRYSTAL IN SMD 2.0X1.2MM CERAMIC SEAM SEAL PACKAGE.
More results

Similar Description - FC2116

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
GSC2146 GTM-GSC2146 Datasheet
347Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2156 GTM-GSC2156 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2166 GTM-GSC2166 Datasheet
346Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2176 GTM-GSC2176 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
Low Dropout 600mA CMOS Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com