Electronic Components Datasheet Search
  English  ▼

X  

FMBT4402 Datasheet(PDF) 1 Page - First Components International

Part # FMBT4402
Description  PNP Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBT4402 Datasheet(HTML) 1 Page - First Components International

  FMBT4402 Datasheet HTML 1Page - First Components International FMBT4402 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Data Sheet
PNP Switching Transistor
Ratings
Maximum Ratings
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current (Continuous)
V
CEO
-40
Vdc
V
CBO
-40
Vdc
V
EBO
-5.0
Vdc
I
C
-600
mAdc
Symbol
Value
Units
Thermal Characteristics
Characteristic
Total Device Dissipation FR-5 Board (Note1)
T
A = 25
o
C
Derate above 25oC
Thermal Resistance
Total Device Dissipation
Alumina Substrate, T
A = 25
o
C (Note 2)
Derate above 25oC
Thermal Resistance
Junction and Storage Temperature
P
D
225
mW
1.8
mW/oC
R
θJA
556
o
C/W
P
D
300
mW
2.4
mW/oC
R
θJA
417
o
C/W
T
J, TSTG
-55 to 150
o
C
Symbol
Max
Units
Notes:
(1) FR-5 = 1.0 x 0.75 x 0.062 in.
(2) Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
(3) Pulse test: Pulse width < 300 µs, duty cycle < 2.0%.
2
3
1
1
2
3
Mechanical Dimensions
.083/.098
.047/.055
.035/.041
..035/.044
.016
.110/.120
.0005/.0039
.015/.020
1
2
3
.035/.041
.003/.007


Similar Part No. - FMBT4402

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
600mA Silicon NPN Epitaxial Planar Transistor
logo
First Components Intern...
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401_17 Datasheet
168Kb / 10P
NPN Epitaxial Planar Transistor
FMBT4403 FORMOSA-FMBT4403 Datasheet
233Kb / 10P
600mA Silicon PNP Epitaxial Planar Transistor
logo
First Components Intern...
FMBT4403 FCI-FMBT4403 Datasheet
73Kb / 2P
PNP Switching Transistor Collector - Emitter Voltage VCEO 40
More results

Similar Description - FMBT4402

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
PNP switching transistor
1999 Apr 22
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
NXP Semiconductors
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
PNP switching transistor
2004 Jan 21
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com