Electronic Components Datasheet Search
  English  ▼

X  

FMBTA06 Datasheet(PDF) 1 Page - First Components International

Part # FMBTA06
Description  Silicon Transistor Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBTA06 Datasheet(HTML) 1 Page - First Components International

  FMBTA06 Datasheet HTML 1Page - First Components International FMBTA06 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Mechanical Dimensions
SOT-23
Dimension in inchs
□
JUNCTION TEMPERATURE -----------------------------
+150℃ MAX
□
STORAGE TEMPERATURE ------------------------------
-55~ + 150℃
□
MAX POWER DISSIPATION Ta=25℃ -----------------
250mW
□
MAX VOLTAGE AND CURRENT Ta=25℃
VCBO COLLECTOR TO BASE VOLTAGE-------------
80V
VCEO COLLECTOR TO EMITTER VOLTAGE--------
80V
VEBO EMITTER TO BASE VOLTAGE------------------
4V
IC COLLECTOR CURRENT--------------------------------
500mA
Characteristics (Ta=25℃)
Collector-Emitter Voltage@ Ic=10mA
Vceo
80V
Collector-Base Breakdown@ Voltage Ic=100uA
Vcbo
80V
Emitter- base Breakdown Voltage@ Ie =100uA
Vebo
4V
Collector Cutoff Current@ Vcb=80V
Icbo
Max
100nA
mitter cutoff Current@ Vce=60V
Iceo
Max
100nA
Ic=100mA, Ib=10mA
Ic=100mA, Vce=1V
Vce(sat)
Vbe(on)
Max
0.25V
Max
1.2V
Static Forward Current Transfer Ratio
Ic=10mA, Vce=1V
Ic=100mA, Vce=1V
hFE1
hFE2
Min
50
Min
50
Current-Gain-bandwidth Product
@Ic=10mA, Vce=2V, f=100MHz
fT
Min
100MHz


Similar Part No. - FMBTA06

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBTA06 FORMOSA-FMBTA06 Datasheet
151Kb / 9P
Drive NPN Transistor
More results

Similar Description - FMBTA06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
logo
ON Semiconductor
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
NPN SILICON AMPLIFIER TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
PNP Silicon Amplifier Transistor
logo
SUNMATE electronic Co.,...
BC546A SUNMATE-BC546A Datasheet
540Kb / 4P
NPN SILICON AMPLIFIER TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_15 Datasheet
573Kb / 4P
PNP Silicon Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com