Electronic Components Datasheet Search
  English  ▼

X  

FMMT458 Datasheet(PDF) 1 Page - First Components International

Part # FMMT458
Description  NPN Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMMT458 Datasheet(HTML) 1 Page - First Components International

  FMMT458 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V
CEO
400
V
V
CBO
400
V
V
EBO
5.0
V
I
C
225
mA
Total Device Dissipation
T
A = 25
o
C
Junction and Storage Temperature
Description
Data Sheet
NPN Epitaxial Planar Transistor
Ratings
Maximum Ratings
Collector - Emitter Voltage
Collector - Base Voltage
Emitter - Base Voltage
Collector Current
Symbol
Value
Units
P
D
500
mW
T
J, TSTG
-55 to 150
o
C
Mechanical Dimensions
Electrical Characteristics @ 25oC
Characteristic
Symbol
Min
Max
Unit
Collector - Emitter Breakdown Voltage
(I
C = 10mA)
Collector - Base Breakdown Voltage
(I
C = 100µA)
Emitter - Base Breakdown Voltage
(I
E = 100µA)
Collector Cutoff Current
(V
CB = 320V, IE = 0)
Emitter Cutoff Current
(V
EB = 4.0V, IC = 0)
Static Forward Current Transfer Ratio
(I
C = 1.0 mA, VCE = 10 V)
(I
C = 50 mA, VCE = 10 V)
(I
C = 100 mA, VCE = 10 V)
Collector - Emitter Saturation Voltage
(I
C = 50 mA, IB = 6.0 mA)
Base - Emitter Saturation Voltage
(I
C = 50 mA, IB = 5.0 mA)
Current - Gain - Bandwidth Product
(I
C = 10 mA, VCE = 20 V, f = 100 MHz)
Output Capacitance
(V
CB = 20 V, f = 1.0 MHz)
Switching Characteristics
(I
C = 50 mA, VCC = 100 V)
(I
B1 = 5.0 mA, IB2 = 10 mA)
V
BR(CEO)
400
---
V
V
BR(CBO)
400
---
V
V
BR(EBO)
5.0
---
V
I
CBO
---
0.1
µA
I
EBO
---
0.1
µA
h
FE
100
100
300
15
V
CE(sat)
---
0.5
V
V
BE(sat)
---
0.9
V
f
T
50
---
MHz
C
ob
---
5.0
pF
T
on
35 (TYP)
ns
T
off
2260 (TYP)
ns
.110
.060
.037
.037
.115
.016
.043
.004
.016
1
2
3
1
2
3
2
3
1
SOT-23


Similar Part No. - FMMT458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT458 ZETEX-FMMT458 Datasheet
130Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT458 KEXIN-FMMT458 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
logo
Galaxy Semi-Conductor H...
FMMT458 BILIN-FMMT458 Datasheet
180Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
More results

Similar Description - FMMT458

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com