Electronic Components Datasheet Search
  English  ▼

X  

FTC131 Datasheet(PDF) 1 Page - First Components International

Part # FTC131
Description  1A 500V/600V BIDIRECTIONAL TRIACS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTC131 Datasheet(HTML) 1 Page - First Components International

  FTC131 Datasheet HTML 1Page - First Components International FTC131 Datasheet HTML 2Page - First Components International FTC131 Datasheet HTML 3Page - First Components International FTC131 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description:
Glasspassivated,sensitive gate triacs in a plastic
envelope,intended for use in general purpose bidirectional
switching and phase control applications.These devices are
intended to be interfaced directly to micro controllers,
logic integrated circuits and other low power gate trigger
circuits.
FTC131
VDRM
500V/600 V
I T(RMS)
1A
ITSM
16A
1A 500V/600V BIDIRECTIONAL TRIACS
Pinging :TO-92: DESCRIPTION
Pin1: Main Terminal 2
Pin 2: G
Pin 3: Main Terminal 3
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
V
DRM
Repetitive peak off-state
-
500
600
V
voltages
I
T(RMS)
RMS on-state current
full sine wave; T
lead ≤51 ˚C
-
1
A
I
TSM
Non-repetitive peak
full sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 20 ms
-
16
A
t = 16.7 ms
-
17.6
A
I
2tI2t for fusing
t = 10 ms
-
1.28
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 1.5 A; IG = 0.2 A;
on-state current after
dI
G/dt = 0.2 A/µs
triggering
T2+ G+
-
50
A/
µs
T2+ G-
-
50
A/
µs
T2- G-
-
50
A/
µs
T2- G+
-
10
A/
µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 3 A/
µs.


Similar Part No. - FTC131

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC1318 FS-FTC1318 Datasheet
348Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - FTC131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
logo
JIEJIE MICROELECTRONICS...
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
1A TRIACs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
1A TRIACS
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
Standard 1A Triacs
14-Dec-2010
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
Standard TRIACs, 1A
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
Standard 1A Triacs
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
1A TRIACs
logo
First Components Intern...
FTC136 FCI-FTC136 Datasheet
180Kb / 4P
4A 600V BIDIRECTIONAL TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com