Electronic Components Datasheet Search
  English  ▼

X  

RT3606BC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT3606BC
Description  Dual Channel PWM Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT3606BC Datasheet HTML 1Page - Richtek Technology Corporation RT3606BC Datasheet HTML 2Page - Richtek Technology Corporation RT3606BC Datasheet HTML 3Page - Richtek Technology Corporation RT3606BC Datasheet HTML 4Page - Richtek Technology Corporation RT3606BC Datasheet HTML 5Page - Richtek Technology Corporation RT3606BC Datasheet HTML 6Page - Richtek Technology Corporation RT3606BC Datasheet HTML 7Page - Richtek Technology Corporation RT3606BC Datasheet HTML 8Page - Richtek Technology Corporation RT3606BC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
3
RT3606BC
DS3606BC-04 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No
Pin Name
Pin Function
17
SET3
3rd Platform setting. Platform can use this pin to set VR address, Zero load-line, Anti-
overshoot function and behavior, AI gain, Disable DVID compensation, Decrease
GTU and SA ramp (only in maximum phase = 1-phase), high frequency ramp, DVID
slew rate, and PSYS function for CORE VR and AXG VR.
18
SETA1
1st Platform Setting. Platform can use this pin to set OCS, DVID threshold and
ICCMAX for AXG rail VR.
19
SETA2
2nd Platform Setting. Platform can use this pin to set RSET, QRTH, QRWIDTH and
DVID width for AXG rail VR.
20
IMON
CORE rail VR Current Monitor Output. This pin outputs a voltage proportional to the
loading current.
21
VREF
Fixed 0.6V Output Reference Voltage. This voltage is only used to offset the output
voltage of IMON pin. Between this pin and GND must be placed a RC circuit with R
= 1
 and C = 0.47F.
22
IMONA
AXG rail VR Current Monitor Output. This pin outputs a voltage proportional to the
loading current.
23
VR_HOT
Thermal Monitor Output, this Pin is Active Low.
24
ALERT
SVID Alert. (Active low)
25
VDIO
VR and CPU Data Transmission Interface.
26
VCLK
Synchronous Clock from the CPU.
27
EN
VR Enable Control Input.
28
OFSM
Output Voltage Offset Setting for CORE rail VR.
29
OFSA/PSYS
Output Voltage Offset Setting for AXG rail VR / System Input Power Monitor. Place
the PSYS resistor as close to the IC as possible.
30
VCC
Controller Power Supply. Connect this pin to 5V and place a decoupling capacitor
2.2
F at least. The decoupling capacitor is placed as close VR controller as possible.
31, 39, 46
NC
No Internal Connection.
32
IBIAS
Internal Bias Current Setting. Connect a 100k
 resistor from this pin tied to GND to
set the internal current. Don’t connect a bypass pass capacitor from this pin to GND.
33
RGNDA
Return Ground for AXG rail VR. This pin is the negative node of the differential
remote voltage sensing.
34
VSENA
AXG rail VR Voltage Sense Input. This pin is connected to the terminal of AXG rail
VR output voltage.
35
COMPA
AXG rail VR Compensation. This pin is the error amplifier output pin.
36
FBA
Negative Input of the Error Amplifier. This pin is for AXG rail VR output voltage
feedback to controller.
40, 38
ISENA[1:2]P Positive Current Sense Input of Multi-Phase AXG rail VR Channel 1, 2.
41, 37
ISENA[1:2]N Negative Current Sense Input of Multi-Phase AXG rail VR Channel 1, 2.
42
TSENA
Thermal Sense Input for AXG rail VR.
43
TONSETA
AXG rail VR On-time Setting. An on-time setting resistor is connected from this pin
to input voltage.
44
DVD
Divided Input Voltage Detection of Power Stage. Connect this pin to a voltage divider
from input voltage of power stage to detect input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com