Electronic Components Datasheet Search
  English  ▼

X  

MAX7383AXVT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7383AXVT
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7383AXVT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7383AXVT Datasheet HTML 1Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 2Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 3Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 4Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 5Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 6Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 7Page - Maxim Integrated Products MAX7383AXVT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX7383 dual-speed silicon oscillator replaces
ceramic resonators, crystals, and crystal-oscillator
modules as the primary and secondary clock source for
microcontrollers in 3V, 3.3V, and 5V applications. The
MAX7383 features a factory-programmed high-speed
oscillator, a 32.768kHz oscillator, and a clock-selector
input. The clock output can be switched at any time
between the high-speed clock and the 32.768kHz clock
for low-power operation. Switchover is synchronized
internally to provide glitch-free clock switching.
Unlike typical crystal and ceramic-resonator oscillator
circuits, the MAX7383 is resistant to vibration and EMI.
The high-output-drive current and absence of high-
impedance nodes makes the oscillator less susceptible
to dirty or humid operating conditions. With a wide
operating temperature range as standard, the
MAX7383 is a good choice for demanding home appli-
ance and automotive environments.
The MAX7383 is available with factory-programmed fre-
quencies ranging from 10MHz to 32MHz. See Table 1
for standard frequencies and contact the factory for
custom frequencies. Refer to the MAX7377 data sheet
for frequencies less than 10MHz.
The MAX7383 is available in a 5-pin SOT23 package.
The MAX7383 standard operating temperature range is
-40°C to +125°C. See the Applications Information sec-
tion for extended operating temperature range.
Applications
White Goods
Automotive
Consumer Products
Appliances and Controls
Handheld Products
Portable Equipment
Microcontroller Systems
Features
♦ 2.7V to 5.5V Operation
♦ High-Speed Oscillator from 10MHz to 32MHz
Low-Speed 32kHz Oscillator
Glitch-Free Clock-Speed Switching
♦ ±10mA Clock-Output Drive Capability
♦ 2.5% Initial Accuracy
♦ ±50ppm/°C (typ) Frequency Drift
♦ 50% Duty Cycle
♦ 5ns Output Rise and Fall Time
♦ Low Jitter: 80psP-P at 16MHz
♦ 4mA Operating Current at 16MHz
♦ 13µA, 32kHz Operating Current
♦ -40°C to +125°C Temperature Range
♦ Small 5-Pin SOT23 Package
Silicon Oscillator with Low-Power
Frequency Switching
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
OSC1
OSC2
µC
GND
CLOCK
E.C.
VCC
0.1
µF
VCC 2.7V TO 5.5V
MAX7383
I/O PORT
SPEED
Typical Operating Circuit
19-3492; Rev 0; 1/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
TEMP RANGE
PIN-
PACKAGE
RESET
OUTPUT
MAX7383AX _ _-T -40
°C to +125°C 5 SOT23-5
Active high
push-pull
*The first two letters are AX. Insert the two-letter code from
Table 2 in the remaining two positions for the desired frequen-
cy range. Insert the two-letter code from Table 1 in the remain-
ing two positions for the desired frequency range. Table 1 is
located at the end of the data sheet.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX7383AXVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR106-T MAXIM-MAX7381AXR106-T Datasheet
543Kb / 6P
3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR126-T MAXIM-MAX7381AXR126-T Datasheet
543Kb / 6P
3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR146-T MAXIM-MAX7381AXR146-T Datasheet
543Kb / 6P
3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7381AXR166-T MAXIM-MAX7381AXR166-T Datasheet
543Kb / 6P
3-Pin Silicon Oscillator
Rev 0; 4/05
More results

Similar Description - MAX7383AXVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
Low Power/Low Frequency Oscillator
logo
Maxim Integrated Produc...
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com