Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAXQ2000 Datasheet HTML 26Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 27Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 30Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 31Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 32Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 33Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Low-Power LCD Microcontroller
30
____________________________________________________________________
The watchdog timer is controlled through bits in the
WDCN register. Its timeout period can be set to one of
four programmable intervals ranging from 212 to 221
system clocks in its default mode, allowing flexibility to
support different types of applications. The interrupt
occurs 512 system clocks before the reset, allowing the
system to execute an interrupt and place the system in
a known, safe state before the device performs a total
system reset. At 16MHz, watchdog timeout periods can
be programmed from 256µs to 33.5s, depending on the
system clock mode.
Serial Peripherals
The microcontroller incorporates several common seri-
al-peripheral interfaces for interconnection with popular
external devices. Multiple formats provide maximum
flexibility and lower cost when designing a system.
UARTs
Serial interfacing is provided through one (-RBX) or two
(-RAX) 8051-style universal synchronous/asynchronous
receiver/transmitters. The UART allows the device to
conveniently communicate with other RS-232 interface-
enabled devices, as well as PCs and serial modems
when paired with an external RS-232 line driver/receiv-
er. The dual independent UARTs can communicate
simultaneously at different baud rates with two separate
peripherals. The UART can detect framing errors and
indicate the condition through a user-accessible soft-
ware bit.
The time base of the serial ports is derived from either a
division of the system clock or the dedicated baud
clock generator. The following table summarizes the
operating characteristics as well as the maximum baud
rate of each mode:
1-Wire Bus Master
The MAXQ2000-RAX includes a Dallas Semiconductor
1-Wire bus master, which communicates to other 1-Wire
peripherals, including iButton® products, through a
simple bidirectional signaling scheme over a single
electrical connection. The bus master provides com-
plete control of the 1-Wire bus and transmit and receive
activities, and generates all timing and control
sequences of the 1-Wire bus. Communication between
the CPU and the bus master is achieved through
read/write access of the 1-Wire master address (OWA)
and 1-Wire master data (OWD) peripheral registers.
Detailed operation of the 1-Wire bus is described in the
Book of iButton Standards (www.maxim-ic.com/
iButtonbook).
Serial-Peripheral Interface (SPI) Module
The SPI port is a common, high-speed, synchronous
peripheral interface that shifts a bit stream of variable
length and data rate between the microcontroller and
other peripheral devices. The SPI can be used to com-
municate with other microcontrollers, serial shift regis-
ters, or display drivers. Multiple master and slave
modes permit communication with multiple devices in
the same system. Programmable clock frequency,
character lengths, polarity, and error handling enhance
the usefulness of the peripheral. The maximum baud
rate of the SPI interface is 1/2 the system clock for mas-
ter mode operation and 1/8 the system clock for slave
mode operation.
MODE
TYPE
START BITS
DATA BITS
STOP BIT
MAX BAUD RATE
AT 16MHz
Mode 0
Synchronous
N/A
8
N/A
4Mbps
Mode 1
Asynchronous
1
8
1
500kbps
Mode 2
Asynchronous
1
8 + 1
1
500kbps
Mode 3
Asynchronous
1
8 + 1
1
500kbps
iButton is a registered trademark of Dallas Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com