Electronic Components Datasheet Search
  English  ▼

X  

SMDA50 Datasheet(PDF) 1 Page - Vitec Power

Part # SMDA50
Description  50W Desktop Power Supply for Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA50 Datasheet(HTML) 1 Page - Vitec Power

  SMDA50 Datasheet HTML 1Page - Vitec Power SMDA50 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMDA50 SERIES
50W Desktop Power Supply for Medical Equipment
–
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
–
IEC-320-C14 input inlet
–
Output Voltage Available From 2VDC Thru 50VDC
–
Single to Triple Output
–
Input Surge Current, Over Voltage, Output Voltage, and Over Load Protection.
–
Splash Proof
–
Class I Insulation
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
SMDA50-S00
2 ~ 3 VDC
12.0 ~ 10.0 A
7%
30W
SMDA50-S01
3 ~ 5 VDC
10.0 ~ 8.00 A
5%
40W
SMDA50-S02
5 ~ 6 VDC
8.00 ~ 6.66 A
5%
40W
SMDA50-S03
6 ~ 8 VDC
7.00 ~ 5.25 A
5%
42W
SMDA50-S04
8 ~ 11 VDC
5.63 ~ 4.00 A
4%
45W
SMDA50-S05
11 ~ 13 VDC
4.00 ~ 3.46 A
3%
45W
SMDA50-S06
13 ~ 16 VDC
3.46 ~ 2.81 A
3%
45W
SMDA50-S07
16 ~ 21 VDC
3.12 ~ 2.38 A
3%
50W
SMDA50-S08
21 ~ 27 VDC
2.30 ~ 1.85 A
2%
50W
SMDA50-S09
27 ~ 33 VDC
1.85 ~ 1.51 A
2%
50W
SMDA50-S10
33 ~ 40 VDC
1.51 ~ 1.25 A
2%
50W
SMDA50-S11
40 ~ 50 VDC
1.25 ~ 1.00 A
2%
50W
Multi Output
Part
Number
Output 1
Output 2
Output 3
Max. Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
SMDA50-D00
+3.3V
0.5A
5A
7%
+12V
0.2A
2A
5%
40W
SMDA50-D01
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
42W
SMDA50-D02
+5V
0.5A
5A
5%
+15V
0.15A
1.5A
5%
42W
SMDA50-D03
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
42W
SMDA50-D04
+3.3V
0.5A
5A
7%
+5V
0.2A
2A
5%
26.5W
SMDA50-D09
+12V
0.3A
3A
5%
-12V
0A
1A
5%
42W
SMDA50-D10
+15V
0.2A
2A
5%
-15V
0.1A
1A
5%
42W
SMDA50-D15
+5V
0.5A
5A
5%
-24V
0.1A
1A
5%
42W
SMDA50-D16
+5.1V
0.5A
5A
5%
+7.2V
0.3A
2.6A
5%
42W
SMDA50-D17
+10.5V
0.2A
2A
5%
-10.5V
0A
2A
5%
42W
SMDA50-D18
+5V
0.5A
5A
5%
-5V
0A
2A
5%
35W
SMDA50-T00
+3.3V
0.5A
5A
7%
+12V
0.4A
2A
5%
-12V
0.1A
0.8A
5%
42W
SMDA50-T01
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-5V
0A
0.8A
5%
42W
SMDA50-T02
+5V
0.5A
5A
5%
+12V
0.2A
2A
5%
-12V
0.1A
0.8A
5%
42W
SMDA50-T03
+5V
0.5A
5A
5%
+15V
0.4A
2A
6%
-15V
0.1A
0.8A
5%
42W
SMDA50-T04
+5V
0.5A
5A
5%
+24V
0.2A
1A
5%
-24V
0A
0.5A
5%
42W
SMDA50-T05
+5V
0.5A
5A
5%
+24V
0.1A
1A
5%
-12V
0A
0.8A
5%
42W
SMDA50-T06
+3.3V
0.5A
5A
7%
+12V
0.4A
2A
5%
-5V
0.1A
0.8A
5%
42W
S00, D04, D18 is not approved by PSE


Similar Part No. - SMDA50

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA50-D00 Vitec-SMDA50-D00 Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
SMDA50-D01 Vitec-SMDA50-D01 Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
SMDA50-D02 Vitec-SMDA50-D02 Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
SMDA50-D03 Vitec-SMDA50-D03 Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
SMDA50-D04 Vitec-SMDA50-D04 Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
More results

Similar Description - SMDA50

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA45E-SERIES Vitec-SIDA45E-SERIES Datasheet
436Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA45-SERIES Vitec-SIDA45-SERIES Datasheet
435Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46-SERIES Vitec-SIDA46-SERIES Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SMDA50-SERIES Vitec-SMDA50-SERIES Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
SIDA45 Vitec-SIDA45 Datasheet
435Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA45E Vitec-SIDA45E Datasheet
436Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46 Vitec-SIDA46 Datasheet
384Kb / 2P
50W Desktop Power Supply for Industrial Equipment
STDA45 Vitec-STDA45 Datasheet
442Kb / 2P
50W Desktop Power Supply for I.T. Equipment
STDA45E Vitec-STDA45E Datasheet
439Kb / 2P
50W Desktop Power Supply for I.T. Equipment
STDA46 Vitec-STDA46 Datasheet
373Kb / 2P
50W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com