Electronic Components Datasheet Search
  English  ▼

X  

FTC1185 Datasheet(PDF) 2 Page - First Components International

Part # FTC1185
Description  Low Dropout CMOS Voltage Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTC1185 Datasheet(HTML) 2 Page - First Components International

  FTC1185 Datasheet HTML 1Page - First Components International FTC1185 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
(at Ta = 25
oC, V
IN = Vout+0.5V; unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Io =1mA
Io=0 to 150mA
-1.4
-3%
+1.4%
+2%
V
Line Regulation
∆Vout/∆VinVout
Io=1mA, (Vout+0.1V)<Vin<6.5V
-0.3
0.05
0.3
%/V
Load Regulation
0mA
≤ Io ≤ 120mA Cout=1µF
0.01
0.04
%/mA
Dropout Voltage
Io=150mA
165
250
mV
Maximum Output Current
Vin=5V
Vout=0.96*Vrating
150
400
m
Α
Current Limit
160
mA
Shutdown Exit Delay
Cbp=0
µF Cout=1µF
Io=100mA
600
µsec
Shutdown Input Bias Current
VSHDN=Vin
100
nA
Shutdown Supply Current
VSHDN=Gnd
0.01
1
µA
Shutdown Input Threshold Low
Vin=2.5 to 5.5 V
0.4
V
Shutdown Input Threshold High
Vin=2.5 to 5.5 V
2
V
Ground Pin Current
Iout=0mA...150mA
2
5
µA
Pad Location
Coordinates (The center of pads)
Pad
X (µm)
Y (µm)
Vout
149.5
1184
Vin
709
1200
GND
765
375
SHDN
765
105
BP
105
105
Chip size 0.95x1.4 mm
FTC1185 Low Dropout CMOS Voltage Regulators



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com