Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 5 Page - First Components International

Part # IRF640
Description  18A 200V N CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF640 Datasheet(HTML) 5 Page - First Components International

  IRF640 Datasheet HTML 1Page - First Components International IRF640 Datasheet HTML 2Page - First Components International IRF640 Datasheet HTML 3Page - First Components International IRF640 Datasheet HTML 4Page - First Components International IRF640 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IRF640 18A 200V N CHANNEL POWER MOSFET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com