Electronic Components Datasheet Search
  English  ▼

X  

IRF640FP Datasheet(PDF) 1 Page - First Components International

Part # IRF640FP
Description  IRF640FP 18A 200V N CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF640FP Datasheet(HTML) 1 Page - First Components International

  IRF640FP Datasheet HTML 1Page - First Components International IRF640FP Datasheet HTML 2Page - First Components International IRF640FP Datasheet HTML 3Page - First Components International IRF640FP Datasheet HTML 4Page - First Components International IRF640FP Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GENERAL DESCRIPTION
FEATURES
This Power MOSFET is designed for low voltage, high
speed power switching applications such as switching
regulators, converters, solenoid and relay drivers.
‹
Silicon Gate for Fast Switching Speeds
‹
Low RDS(on) to Minimize On-Losses. Specified at Elevated
Temperature
‹
Rugged – SOA is Power Dissipation Limited
‹
Source-to-Drain Characterized for Use With Inductive
Loads
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain to Current
Continuous
Pulsed
ID
IDM
18
72
A
Gate-to-Source Voltage
Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
Derate above 25
PD
125
1.00
W
W/
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Single Pulse Drain-to-Source Avalanche Energy
TJ = 25
(VDD = 100V, VGS = 10V, IL = 18A, L = 1.38mH, RG = 25 )
EAS
224
mJ
Thermal Resistance
Junction to Case
Junction to Ambient
JC
JA
1.00
62.5
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
260
(1) Pulse Width and frequency is limited by TJ(max) and thermal response
IRF640FP 18A 200V N CHANNEL POWER MOSFET
Mechanical Dimensions
Description
ITO-220AB
DIMENSION IN MM
D
S
G


Similar Part No. - IRF640FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF640FP STMICROELECTRONICS-IRF640FP Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
More results

Similar Description - IRF640FP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
logo
Fairchild Semiconductor
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
N-Channel Power MOSFETs 200V, 18A, 0.15ohm
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
N-Channel MOSFET 200V, 18A, 0.14廓
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
200V / 18A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
18A,200V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
18A 200V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com