Electronic Components Datasheet Search
  English  ▼

X  

IRF840FP Datasheet(PDF) 1 Page - First Components International

Part # IRF840FP
Description  8.0A 500V N CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF840FP Datasheet(HTML) 1 Page - First Components International

  IRF840FP Datasheet HTML 1Page - First Components International IRF840FP Datasheet HTML 2Page - First Components International IRF840FP Datasheet HTML 3Page - First Components International IRF840FP Datasheet HTML 4Page - First Components International IRF840FP Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRF840FP 8.0A 500V N CHANNEL POWER MOSFET
1
3
2
Mechanical Dimensions
Description
ITO-220AB
DIMENSION IN MM
D
S
G


Similar Part No. - IRF840FP

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
IRF840FP SUNTAC-IRF840FP Datasheet
132Kb / 5P
POWER MOSFET
More results

Similar Description - IRF840FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN440 IRF-IRFN440 Datasheet
213Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
500V / 8.0A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
500V N-Channel Power MOSFET
logo
Nanjing International G...
NJ8N65 DGNJDZ-NJ8N65 Datasheet
648Kb / 7P
8.0A 650V N-CHANNEL POWER MOSFET
NJ8N80 DGNJDZ-NJ8N80 Datasheet
733Kb / 6P
8.0A 800V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com