Electronic Components Datasheet Search
  English  ▼

X  

PBFR3501 Datasheet(PDF) 1 Page - First Components International

Part # PBFR3501
Description  35Amp Bosch Type Pressfit Automotive Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PBFR3501 Datasheet(HTML) 1 Page - First Components International

  PBFR3501 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Average Forward Current, Io at Tc=150C
60HZ, Resistive Or Inductive Load
Peak Reverse Voltage, Repetitive:VRRM
VRRM
DC Reverse Voltage, VR
V(DC)
Maximum RMS Voltage
VRMS
Max. Inst Forward Voltage Drop. VF at 80Amp
VF
Peak Forward Surge Current, IFM(surge):
8.3ms. Single Half Sine-Wave
A
IFSM
Superimposed On Rated Load (JEDEC method)
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC= 25C
Maximum Reverse Current IR At Rated DC
Reverse Voltage. TC=100C
Maximum Thermal Resistance, Junction To Case
(single side cooled)
Operating And Storage Temperature Range
C/W
-65 to +175
uA
uA
IF
Electrical Characteristics@25C
Data Sheet
Automotive Rectifiers
35Amp Bosch Type Pressfit
MECHANICAL DIMENSIONS
DESCRIPTION
BOSCH TYPE PRESS-FIT
35
100
200
400
600
100
200
400
600
70
140
280
420
1.18
400
10
500
1.2
PBFR3501P PBFR3502P PBFR3504P PBFR3506P
PBFR3501N PBFR3502N PBFR3504N PBFR3506N
C
NOTE:
1.PBFR350XP Positive(Forward),(+)
Cathode To Case, Color Code Red
2.PBFR350XN Negative(Reverse),(-)
Anode To Case,Color Code Black
Features
Low Cost
Super Cool
Long life Features
High Current Capability
Unit
V(DC)
V
A(DC)
Symbol
IR
IR
Tj; Tstrg
R0JA
-


Similar Part No. - PBFR3501

ManufacturerPart #DatasheetDescription
logo
FCI connector
PBFR3501 FCI-CONNECTOR-PBFR3501 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit Automotive Rectifiers
PBFR3501N FCI-CONNECTOR-PBFR3501N Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit Automotive Rectifiers
PBFR3501P FCI-CONNECTOR-PBFR3501P Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit Automotive Rectifiers
More results

Similar Description - PBFR3501

ManufacturerPart #DatasheetDescription
logo
FCI connector
PBFR3523-43 FCI-CONNECTOR-PBFR3523-43 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PBFR5002-5006 FCI-CONNECTOR-PBFR5002-5006 Datasheet
569Kb / 2P
50.0 Amp BOSCH TYPE AUTO PRESSFIT
PBFR5023-43 FCI-CONNECTOR-PBFR5023-43 Datasheet
156Kb / 1P
50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PFFR3501 FCI-CONNECTOR-PFFR3501 Datasheet
320Kb / 2P
35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
PIFR3501 FCI-CONNECTOR-PIFR3501 Datasheet
232Kb / 1P
35Amp Insulate Flag Pressfit Automotive Rectifiers
logo
First Components Intern...
PBFR3523P FCI-PBFR3523P Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PBFR5023P FCI-PBFR5023P Datasheet
156Kb / 1P
50Amp Bosch Type Pressfit AVALANCHE Automotive Rectifiers
PFFR3501P FCI-PFFR3501P Datasheet
330Kb / 2P
35Amp Flag Pressfit 1.0mm LEAD Auto Rectifiers
logo
FCI connector
PBFR3501 FCI-CONNECTOR-PBFR3501 Datasheet
236Kb / 1P
35Amp Bosch Type Pressfit Automotive Rectifiers
logo
First Components Intern...
PBFR5001 FCI-PBFR5001 Datasheet
211Kb / 1P
50Amp Bosch Type Pressfit Automotive Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com