Electronic Components Datasheet Search
  English  ▼

X  

PBFR7023P Datasheet(PDF) 1 Page - First Components International

Part # PBFR7023P
Description  70 Amp Glass Passivated Avalanche Bosch Press-Fit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PBFR7023P Datasheet(HTML) 1 Page - First Components International

  PBFR7023P Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 / 1
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-65 to +175
BOSCH PRESS-FIT
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
SYMBOL PBFR7023N/P PBFR7035N/P PBFR7043N/P
38~47
24~32
26~33
19~22
38~47
24~32
70
0.5
8
00
200
UNIT
V
V
V
V
A
A
uA
uA
oC
20~26
14~18
20~26
1.1
Maximum Peak Repetitive Reverse Voltage@Irrm=10uA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 100Amp
At Rated DC Reverse Voltage 16/20/33@TJ=100
oC
P Type Brown Ring; N Type-Black Ring
Features
Low forward voltage drop
High current capability
Case: OFC Heat Sink
High surge current capability
Encap: Epoxy Sealed Rated
Mechanical Data
High reliability
UL94V-0
0.053( 1.35)
O
0.050( 1.27)
O
.502( 12.75)
O
.460( 11.7)
O
.468( 11.9)
O
.506( 12.85)
O
.425( 10.8)
O
.417( 10.6)
O
Weight: 6.90gram
70 Amp Glass Passivated
Avalanche Bosch Press-Fit
Description
Mechanical Dimensions
Data Sheet
Avalanche type


Similar Part No. - PBFR7023P

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR7035P FCI-PBFR7035P Datasheet
622Kb / 1P
70 Amp Glass Passivated Avalanche Bosch Press-Fit
PBFR7043P FCI-PBFR7043P Datasheet
512Kb / 2P
70 Amp Glass Passivated AVALANCH BOSCH PRESS-FIT
PBFR7050P FCI-PBFR7050P Datasheet
512Kb / 2P
70 Amp Glass Passivated AVALANCH BOSCH PRESS-FIT
More results

Similar Description - PBFR7023P

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
APRB40M MIC-APRB40M Datasheet
32Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
APRB40Z MIC-APRB40Z Datasheet
32Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40L MIC-PRBA40L Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40M MIC-PRBA40M Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40Z MIC-PRBA40Z Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
logo
Shanghai Shunye Electro...
BPZ3524-BPZ3540 SHUNYE-BPZ3524-BPZ3540 Datasheet
196Kb / 2P
AVALANCHE PRESS-FIT BOSCH DIODES
BPZ5024-BPZ5040 SHUNYE-BPZ5024-BPZ5040 Datasheet
193Kb / 2P
AVALANCHE PRESS-FIT BOSCH DIODES
logo
First Components Intern...
PBFR7035P FCI-PBFR7035P Datasheet
622Kb / 1P
70 Amp Glass Passivated Avalanche Bosch Press-Fit
PBFR7043P FCI-PBFR7043P Datasheet
512Kb / 2P
70 Amp Glass Passivated AVALANCH BOSCH PRESS-FIT
PBFR7050P FCI-PBFR7050P Datasheet
512Kb / 2P
70 Amp Glass Passivated AVALANCH BOSCH PRESS-FIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com