Electronic Components Datasheet Search
  English  ▼

X  

AX-SFUS Datasheet(PDF) 19 Page - ON Semiconductor

Part # AX-SFUS
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AX-SFUS Datasheet HTML 12Page - ON Semiconductor AX-SFUS Datasheet HTML 13Page - ON Semiconductor AX-SFUS Datasheet HTML 14Page - ON Semiconductor AX-SFUS Datasheet HTML 15Page - ON Semiconductor AX-SFUS Datasheet HTML 16Page - ON Semiconductor AX-SFUS Datasheet HTML 17Page - ON Semiconductor AX-SFUS Datasheet HTML 18Page - ON Semiconductor AX-SFUS Datasheet HTML 19Page - ON Semiconductor AX-SFUS Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
19
QFN40 Recommended Pad Layout
1. PCB land and solder masking recommendations
are shown in Figure 7.
Figure 7. PCB Land and Solder Mask Recommendations
A = Clearance from PCB thermal pad to solder mask opening, 0.0635 mm minimum
B = Clearance from edge of PCB thermal pad to PCB land, 0.2 mm minimum
C = Clearance from PCB land edge to solder mask opening to be as tight as possible
to ensure that some solder mask remains between PCB pads.
D = PCB land length = QFN solder pad length + 0.1 mm
E = PCB land width = QFN solder pad width + 0.1 mm
2. Thermal vias should be used on the PCB thermal
pad (middle ground pad) to improve thermal
conductivity from the device to a copper ground
plane area on the reverse side of the printed circuit
board. The number of vias depends on the package
thermal requirements, as determined by thermal
simulation or actual testing.
3. Increasing the number of vias through the printed
circuit board will improve the thermal
conductivity to the reverse side ground plane and
external heat sink. In general, adding more metal
through the PC board under the IC will improve
operational heat transfer, but will require careful
attention to uniform heating of the board during
assembly.
Assembly Process
Stencil Design & Solder Paste Application
1. Stainless steel stencils are recommended for solder
paste application.
2. A stencil thickness of 0.125 – 0.150 mm
(5 – 6 mils) is recommended for screening.
3. For the PCB thermal pad, solder paste should be
printed on the PCB by designing a stencil with an
array of smaller openings that sum to 50% of the
QFN exposed pad area. Solder paste should be
applied through an array of squares (or circles) as
shown in Figure 8.
4. The aperture opening for the signal pads should be
between 50−80% of the QFN pad area as shown in
Figure 9.
5. Optionally, for better solder paste release, the
aperture walls should be trapezoidal and the
corners rounded.
6. The fine pitch of the IC leads requires accurate
alignment of the stencil and the printed circuit
board. The stencil and printed circuit assembly
should be aligned to within + 1 mil prior to
application of the solder paste.
7. No−clean flux is recommended since flux from
underneath the thermal pad will be difficult to
clean if water−soluble flux is used.
Figure 8. Solder Paste Application on Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com