Electronic Components Datasheet Search
  English  ▼

X  

LM117H Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM117H
Description  POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM117H Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM117H Datasheet HTML 1Page - National Semiconductor (TI) LM117H Datasheet HTML 2Page - National Semiconductor (TI) LM117H Datasheet HTML 3Page - National Semiconductor (TI) LM117H Datasheet HTML 4Page - National Semiconductor (TI) LM117H Datasheet HTML 5Page - National Semiconductor (TI) LM117H Datasheet HTML 6Page - National Semiconductor (TI) LM117H Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROCIRCUIT DATA SHEET
MDLM117-H REV 0A0
(Absolute Maximum Ratings)
(Note 1)
Power Dissipation
Internally Limited
Input-Output Voltage Differential
+40V, -0.3V
Maximum Junction Temperature
150 C
Storage Temperature Range
-65 C to +150 C
Lead Temperature (Soldering, 10 seconds)
300 C
Thermal Resistance
ThetaJA
186 C/W
(Still Air)
64 C/W
(500LF/Min Air flow)
21 C/W
ThetaJC
ESD Tolerance
(Note 2)
3kV
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating ratings indicate conditions for which the device is intended to be
functional, but do not guarantee specific performance limits. For guaranteed
specifications and test conditions,
see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2:
Human body model, 1.5K Ohms in series with 100pF.
Recommended Operating Conditions
Operating Temperature Range
-55 C < TA < +125 C
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com