Electronic Components Datasheet Search
  English  ▼

X  

FLLD4025ATHT3 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FLLD4025ATHT3
Description  EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 25 A, 130x125x115mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLD4025ATHT3 Datasheet(HTML) 1 Page - Kemet Corporation

  FLLD4025ATHT3 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 10629f92-484a-480b-bf04-49d2e7f15e64
KEMET Part Number: FLLD4025ATHT3
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 25 A, 130x125x115mm
Dimensions
L
130mm NOM
W
125mm NOM
H
115mm NOM
L1
90mm NOM
W1
137.5mm NOM
W2
153mm NOM
J
32mm NOM
K
6.5mm NOM
M (Earth)
Threaded Studs M6
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1
Weight: 1.2 kg
General Information
Style: Chassis Mount
Series: FLLD4-TH
Description: EMI Filter, Classis Mount,
Compact
Features: High Performance
RoHS: Yes
Specifications
Voltage AC: 530/305 VAC
Rated Frequency: 50-60 Hz
Current: 25 A (50C)
Rated Temperature: 50C
Temperature Range: -25/+100C
Climate Category: 25/100/21
Test Voltage DC (P to P): 2250 VDC
Test Voltage DC (P to E): 3000 VDC
Power Loss: 12 W (25C 50 Hz)
Leakage Current: 11 mA
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - FLLD4025ATHT3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD4008ATHT3 KEMET-FLLD4008ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 8 A, 120x115x80mm
FLLD4016ATHT3 KEMET-FLLD4016ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 16 A, 120x115x80mm
FLLD4036AAB03 KEMET-FLLD4036AAB03 Datasheet
8Mb / 8P
Chassis Mount Filters - Motor Drive Filters
FLLD4036ATHT3 KEMET-FLLD4036ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 36 A, 130x125x115mm
FLLD4050AABR3 KEMET-FLLD4050AABR3 Datasheet
8Mb / 8P
Chassis Mount Filters - Motor Drive Filters
More results

Similar Description - FLLD4025ATHT3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD3042AMHT3 KEMET-FLLD3042AMHT3 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 42 A, 280x50x85mm
FLLD3075AMHT5 KEMET-FLLD3075AMHT5 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 75 A, 240x80x135mm
FLLD3130AMHT6 KEMET-FLLD3130AMHT6 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 130 A, 240x90x150mm
FLLD3007AMHT3 KEMET-FLLD3007AMHT3 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 7 A, 160x40x70mm
FLLD3055AMHT5 KEMET-FLLD3055AMHT5 Datasheet
97Kb / 1P
EMI Filters, Three Phase, FLLD3-MH, 530 VAC, 55 A, 220x85x90mm
FLLD4008ATHT3 KEMET-FLLD4008ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 8 A, 120x115x80mm
FLLD4016ATHT3 KEMET-FLLD4016ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 16 A, 120x115x80mm
FLLD4036ATHT3 KEMET-FLLD4036ATHT3 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 36 A, 130x125x115mm
FLLD4080ATHT6 KEMET-FLLD4080ATHT6 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 80 A, 230x135x125mm
FLLD4120ATHT6 KEMET-FLLD4120ATHT6 Datasheet
90Kb / 1P
EMI Filters, Three Phase, FLLD4-TH, 530 VAC, 120 A, 250x140x140mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com