Electronic Components Datasheet Search
  English  ▼

X  

MIC820 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC820
Description  Teeny Ultra Low Power Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC820 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC820 Datasheet HTML 1Page - Micrel Semiconductor MIC820 Datasheet HTML 2Page - Micrel Semiconductor MIC820 Datasheet HTML 3Page - Micrel Semiconductor MIC820 Datasheet HTML 4Page - Micrel Semiconductor MIC820 Datasheet HTML 5Page - Micrel Semiconductor MIC820 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MIC820
Micrel
MIC820
4
December 2000
Small-Signal Pulse Reponse
A
V=1 CL=3pF
+100
+50
-50
-100
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
0
(ns)
Small-Signal Pulse Reponse
A
V=1 CL=100pF
+100
+50
-50
-100
0
4
8
12
16
20
24
28
32
36
40
0
(
µs)
Large-Signal Pulse Reponse
A
V=1 CL=10pF
+100
+50
-50
-100
0
4
8
12
16
20
24
28
32
36
40
0
(
µs)
–30
–20
–10
0
–40
–50
–60
10k
100k
1M
10M
0
–90
–180
1k
FREQUENCY (Hz)
Closed Loop Frequency Response AV = 1
0
+5
+10
+15
–5
–10
–15
10k
0.1
µF
0.01
µF
1000pF
470pF
100pF
3pF
100k
1M
10M
1k
FREQUENCY (Hz)
Closed Loop Gain (AV = +1)
vs. Load Capacitance
Functional Characteristics
–20
–10
0
+10
+20
–30
–40
–50
10k
100k
1M
0
–90
–180
1k
100
10M
FREQUENCY (Hz)
Gain Bandwidth of MIC820



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com