Electronic Components Datasheet Search
  English  ▼

X  

MIC2202 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2202
Description  HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2202 Datasheet HTML 2Page - Micrel Semiconductor MIC2202 Datasheet HTML 3Page - Micrel Semiconductor MIC2202 Datasheet HTML 4Page - Micrel Semiconductor MIC2202 Datasheet HTML 5Page - Micrel Semiconductor MIC2202 Datasheet HTML 6Page - Micrel Semiconductor MIC2202 Datasheet HTML 7Page - Micrel Semiconductor MIC2202 Datasheet HTML 8Page - Micrel Semiconductor MIC2202 Datasheet HTML 9Page - Micrel Semiconductor MIC2202 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MIC2202
Micrel
M9999-052104
6
May 2004
Functional Description
V
IN
V
IN provides power to the output and to the internal bias
supply. The supply voltage range is from 2.3V to 5.5V. A
minimum 1
µF ceramic is recommended for bypassing the
input supply.
Enable
The enable pin provides a logic level control of the output. In
the off state, supply current of the device is greatly reduced
(typically <1
µA). Also, in the off state, the output drive is
placed in a “tri-stated” condition, where both the high side
P-Channel MOSFET and the low-side N-Channel are in an off
or non-conducting state. Do not drive the enable pin above
the supply voltage.
Sync_In
Sync_In pin enables the ability to change the fundamental
switching frequency. The Sync_In frequency has a minimum
frequency of 1.6MHz and a maximum sync frequency of
2.5MHz.
Careful attention should be paid to not driving the Sync_In pin
greater than the supply voltage. While this will not damage
the device, it can cause improper operation.
Sync_Out
Sync_Out is an open collector output that provides a signal
equal to the internal oscillator frequency. This creates the
ability for multiple MIC2202s to be connected together in a
master-slave configuration for frequency matching of the
converters. A typical 10k
Ω is recommended for a pull-up
resistor.
Bias
The bias supply is an internal 2.3V linear regulator that
supplies the internal biasing voltage to the MIC2202. A 10nF
ceramic capacitor is required on this pin for bypassing. Do not
use the bias pin as a supply. The bias pin was designed to
supply internal power only.
Feedback
The feedback pin provides the control path to control the
output. A resistor divider connecting the feedback to the
output is used to adjust the desired output voltage. Refer to
the feedback section in the
“Applications Information” for
more detail.
10k
Ω
SYNC_IN
VIN
MIC2202
“Master”
SYNC_OUT
SW
BIAS
FB
SYNC_IN
VIN
MIC2202
“Slave”
SYNC_OUT
SW
BIAS
FB
Figure 1. Master-Slave Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com