Electronic Components Datasheet Search
  English  ▼

X  

BAT42WS Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BAT42WS
Description  Silicon Diode in a SOD-323 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BAT42WS Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BAT42WS Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT42WS Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT42WS Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT42WS Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT42WS Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BAT42WS Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAT42WS-BAT43WS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Working Peak Reverse Voltage,
DC Reverse Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Non-Repetitive Peak Forward
Current
IFM
200
mA
Output Current
IO
100
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge
Current
IFSM
4.0
A
Power Dissipation
PD
200
mW
Typical Thermal Resistance
Junction to Ambient
RθJA
625
/W
℃
Junction and Storage Temperature
Range
TJ,Tstg
-55 to 125
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
MIN
MAX
Forward Voltage
V(BR)
IR=100μA
30
V
Peak Forward Voltage
VFM
IF=2.0mA
0.26
0.33
V
V
IF=10mA
0.40
IF=15mA
0.45
V
IF=50mA
0.65
V
IF=200mA
1.0
V
Instantaneous Reverse
Current
IRM
VR=25V
500
nA
VR=25V, TJ=100℃
100
μA
Total Capacitance
CT
VR=1.0V,f=1.0MHZ
10
pF
Reverse Recovery Time
trr
IF=IR=10mA
Irr=0.1 x IR, RL=100Ω
5.0
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com