Electronic Components Datasheet Search
  English  ▼

X  

RT4533 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4533
Description  Asynchronous Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4533 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4533 Datasheet HTML 1Page - Richtek Technology Corporation RT4533 Datasheet HTML 2Page - Richtek Technology Corporation RT4533 Datasheet HTML 3Page - Richtek Technology Corporation RT4533 Datasheet HTML 4Page - Richtek Technology Corporation RT4533 Datasheet HTML 5Page - Richtek Technology Corporation RT4533 Datasheet HTML 6Page - Richtek Technology Corporation RT4533 Datasheet HTML 7Page - Richtek Technology Corporation RT4533 Datasheet HTML 8Page - Richtek Technology Corporation RT4533 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT4533/A
®
DS4533/A-02
September 2015
www.richtek.com
1
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Marking Information
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Simplified Application Circuit
Applications
Cellular Phones
Digital Cameras
Probable Instruments
Asynchronous Boost Converter for 10 WLEDs
General Description
The RT4533/A is a highly integrated LED driver IC capable
of driving 10 WLEDs in series. It is composed of a current
mode Boost converter integrated with a 36.5V/1.2A power
switch.
The RT4533/A supports a wide input voltage range from
2.5V to 5.5V and runs at a fixed frequency of 1.1MHz.
The LED current is set via an external resistor and the
feedback voltage is regulated to 200mV / 300mV.
For brightness dimming, the RT4533/A supports PWM
dimming which determines the feedback reference voltage.
Features
2.5V to 5.5V Input Voltage Range
36.5V Open LED Protection for 10 WLEDs
PWM Dimming Brightness Control
200mV / 300mV Reference Voltage with
±±±±±2%
Accuracy
1.1MHz Switching Frequency
Built-In Soft-Start
Over-Temperature Protection
Internal Compensation
Current Limit
RoHS Compliant and Halogen Free
0R=DNN
0R= : Product Code
DNN : Date Code
LX
FB
GND
RT4533/A
VIN
EN
L
VIN
VOUT
VOUT
Enable
D
RT4533GJ6
RT4533AGJ6
1L=DNN
1L= : Product Code
DNN : Date Code
RT4533/A
Package Type
J6 : TSOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)
Feedback Voltage
RT4533 : 200mV
RT4533A : 300mV


Similar Part No. - RT4533

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
Dual Channel 10s2p WLED Drivers
RT4531WSC RICHTEK-RT4531WSC Datasheet
195Kb / 14P
Dual Channel 10s2p WLED Drivers
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results

Similar Description - RT4533

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
RT4503 RICHTEK-RT4503 Datasheet
268Kb / 13P
Asynchronous Boost Converter for 10 WLEDs
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
Asynchronous Boost Controller
logo
Major-Power Technology ...
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
750KHz Asynchronous Boost Converter
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
Asynchronous Boost 10 White LED Driver
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
1MHz Asynchronous Boost Regulator
HM5310 HMSEMI-HM5310 Datasheet
1Mb / 5P
Input 5V to 35V output 100V 1A asynchronous boost converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com