Electronic Components Datasheet Search
  English  ▼

X  

RT8402 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8402
Description  Phase-Cut Dimmable High Side Buck LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8402 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8402 Datasheet HTML 1Page - Richtek Technology Corporation RT8402 Datasheet HTML 2Page - Richtek Technology Corporation RT8402 Datasheet HTML 3Page - Richtek Technology Corporation RT8402 Datasheet HTML 4Page - Richtek Technology Corporation RT8402 Datasheet HTML 5Page - Richtek Technology Corporation RT8402 Datasheet HTML 6Page - Richtek Technology Corporation RT8402 Datasheet HTML 7Page - Richtek Technology Corporation RT8402 Datasheet HTML 8Page - Richtek Technology Corporation RT8402 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8402
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS8402-00
January
2017
2
Simplified Application Circuit
RT8402
L1
Bootstrap diode
D2
R4
D1
Q1
R2A
C1
R1
R2B
DIM
VCC
SENSE
GATE
SGND
VC
C3
RG
C2
R3
ZD1
Bridge Rectifier
CIN
Line
Neutrl
EC1
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VCC
Supply voltage input of the chip. For good bypass, a ceramic capacitor near the
VCC pin is required.
2
SGND
Ground of the chip.
3
GATE
Gate driver for external MOSFET.
4
SENSE
LED current sense input.
5
VC
Close loop compensation node.
6
DIM
Internal dimming function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com