Electronic Components Datasheet Search
  English  ▼

X  

RT8409 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8409
Description  Green Mode Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8409 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8409 Datasheet HTML 1Page - Richtek Technology Corporation RT8409 Datasheet HTML 2Page - Richtek Technology Corporation RT8409 Datasheet HTML 3Page - Richtek Technology Corporation RT8409 Datasheet HTML 4Page - Richtek Technology Corporation RT8409 Datasheet HTML 5Page - Richtek Technology Corporation RT8409 Datasheet HTML 6Page - Richtek Technology Corporation RT8409 Datasheet HTML 7Page - Richtek Technology Corporation RT8409 Datasheet HTML 8Page - Richtek Technology Corporation RT8409 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8409
®
DS8409-00
September 2016
www.richtek.com
1
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Green Mode Buck Converter
Features
Built-In 600V Power MOSFET
Programmable Constant Output Voltage
Extremely Low Quiescent Current Consumption and
1
μμμμμA Shutdown Current
Low System BOM Cost for Economical Step Down
Converter Solution
Universal Off-Line Input Voltage operation Range
Built-In Over-Temperature Protection
Built-In Over-Voltage Protection
Output Open Protection
Output Short Protection
Output Over-Current Protection
SOP-8 Package
General Description
The RT8409 integrates a power MOSFET controller. It is
used for step down converters by well controlling the
internal MOSFET and regulating a constant output voltage.
The RT8409 features few system component counts and
simple system design. Especially, the RT8409 can use a
cheap simple drum core inductor in the system instead
of an EE core while maintaining the high efficiency.
The RT8409 is housed in a SOP-8 package. The
components of the whole system can be made very
compact.
Applications
Home Appliance
Standby Power
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
S : SOP-8
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8409
Pin Configuration
(TOP VIEW)
SOP-8
SGND
COMP
FB
SENSE
VCC
NC
DRAIN
DRAIN
2
3
4
5
6
7
8
Marking Information
RT8409
GSYMDNN
RT8409GS : Product Number
YMDNN : Date Code


Similar Part No. - RT8409

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
RT8402GJ6 RICHTEK-RT8402GJ6 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
More results

Similar Description - RT8409

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
logo
Allegro MicroSystems
A4403 ALLEGRO-A4403 Datasheet
342Kb / 15P
Valley Current Mode Control Buck Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
logo
Allegro MicroSystems
A4403_V ALLEGRO-A4403_V Datasheet
342Kb / 15P
Valley Current Mode Control Buck Converter
logo
Richtek Technology Corp...
DS8409 RICHTEK-DS8409 Datasheet
175Kb / 11P
Green Mode Buck Converter
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
Buck Converter with Bypass Mode
Rev. 1.0.9
FAN5904 ONSEMI-FAN5904 Datasheet
2Mb / 25P
Multi-Mode Buck Converter
Rev. 3.0.7
FAN5909 ONSEMI-FAN5909 Datasheet
665Kb / 15P
Multi-Mode Buck Converter
November, 2017 ??Rev. 2
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
Current Mode Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com