Electronic Components Datasheet Search
  English  ▼

X  

RT8415 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8415
Description  Two-Stage Hysteretic LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8415 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8415 Datasheet HTML 1Page - Richtek Technology Corporation RT8415 Datasheet HTML 2Page - Richtek Technology Corporation RT8415 Datasheet HTML 3Page - Richtek Technology Corporation RT8415 Datasheet HTML 4Page - Richtek Technology Corporation RT8415 Datasheet HTML 5Page - Richtek Technology Corporation RT8415 Datasheet HTML 6Page - Richtek Technology Corporation RT8415 Datasheet HTML 7Page - Richtek Technology Corporation RT8415 Datasheet HTML 8Page - Richtek Technology Corporation RT8415 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8415
Copyright © 2016 Richtek Technology Corporation. All rights reserved
is a registered trademark of Richtek Technology Corporation.
DS8415-00
July
2016
www.richtek.com
1
Two-Stage Hysteretic LED Driver
General Description
The RT8415 is a two-stage LED driver controller with
the 2nd stage MOSFET integrated inside. It consists of
a Boost controller on the first stage and a Buck
converter on the second stage. By adapting two-stage
topology, RT8415 is highly
compatible with ET
(Electronic Transformer) and performs extremely high
Power Factor in specific MR16 / AR111 LED lighting
applications.
The Boost converter on the first stage provides
constant output voltage with well inductor current
control. The Buck converter on the second stage
provides constant LED output current by hysteretic
peak current regulation.
The RT8415 is available in the SOP-8 (Exposed Pad)
package.
Ordering Information
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT8415
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Features
Two-Stage Topology (Boost + Buck)
2
nd Stage MOSFETs Inside
Wide Input Voltage Range : 4.5V to 36V
Excellent Power Factor
Programmable Boost Output Voltage
Independent Dual Stage Function
Programmable LED Current with
6% LED
Current Accuracy
Flicker-Free LED
Wide Electronic Transformer Compatibility
Input Under Voltage Lockout Detection
Thermal Shutdown Protection
SOP-8 (Exposed Pad) Package
Applications
MR16 Lighting
Signage and Decorative LED Lighting
Architectural Lighting
High Power LED Lighting
Low Voltage Industrial Lighting
Indicator and Emergency Lighting
Automotive LED Lighting
Pin Configuration
(TOP VIEW)
GATE1
CS
OVP
VCOMP
LX2
CREG
ISN
VCC
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)
Simplified Application Circuit
RT8415
GATE1
OVP
LX2
VL
VN
D1
D2
D3
D4
R2
R1
D5
L1
COUT
VCC
D6
L2
C5
ISN
LED+
LED-
GND
RSENSE
C2
VCC
C1
VCOMP
CS
Q1
ISN
R4
AC 12V
CS
BLD
R3
CREG
C3
OVP


Similar Part No. - RT8415

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT84 LRC-RT84 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
RT8402GJ6 RICHTEK-RT8402GJ6 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
RT8409 RICHTEK-RT8409 Datasheet
175Kb / 11P
Green Mode Buck Converter
RT8409GS RICHTEK-RT8409GS Datasheet
175Kb / 11P
Green Mode Buck Converter
More results

Similar Description - RT8415

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
Two-Phase Current-Mode Hysteretic Buck Controller
logo
Supertex, Inc
AT9933 SUTEX-AT9933 Datasheet
515Kb / 9P
Hysteretic Boost-Buck (cuk) LED Driver IC
AT9933 SUTEX-AT9933_12 Datasheet
625Kb / 9P
Hysteretic Boost-Buck (훴uk) LED Driver IC
HV9930 SUTEX-HV9930_11 Datasheet
570Kb / 7P
Hysteretic Boost-Buck (훴uk) LED Driver IC
logo
Microchip Technology
AT9933 MICROCHIP-AT9933 Datasheet
542Kb / 16P
Hysteretic Boost-Buck (훴uk) LED Driver IC
06/23/16
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
RT8479C RICHTEK-RT8479C Datasheet
148Kb / 15P
Two-Stage Hysteretic LED Driver
logo
Monolithic Power System...
EV2480DN-00A MPS-EV2480DN-00A Datasheet
310Kb / 6P
Hysteretic Step Down High Power LED Driver
logo
Unisonic Technologies
UC4107 UTC-UC4107 Datasheet
160Kb / 4P
TWO-STAGE HYSTERETIC LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com