Electronic Components Datasheet Search
  English  ▼

X  

RT8471 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8471
Description  Hysteretic, High Brightness LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8471 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8471 Datasheet HTML 1Page - Richtek Technology Corporation RT8471 Datasheet HTML 2Page - Richtek Technology Corporation RT8471 Datasheet HTML 3Page - Richtek Technology Corporation RT8471 Datasheet HTML 4Page - Richtek Technology Corporation RT8471 Datasheet HTML 5Page - Richtek Technology Corporation RT8471 Datasheet HTML 6Page - Richtek Technology Corporation RT8471 Datasheet HTML 7Page - Richtek Technology Corporation RT8471 Datasheet HTML 8Page - Richtek Technology Corporation RT8471 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
DS8471-02 December 2013
www.richtek.com
RT8471
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
TSOT-23-5
SOP-8
(Exposed Pad)
MSOP-8
(Exposed Pad)
1
7
5, 6
LX
Switch Output Terminal. Drain of inter nal N-MOSFET.
2
3, 8,
9 (Exposed Pad)
2, 3,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a
large PCB and connected to GND for maximum
power dissipation.
3
4
4
ADJ
Dimming Control Input :
--- Analog signal input for analog PWM dimming.
--- PWM signal input for digital PWM dimming.
4
2
1
SENSE
Output Current Sense. Sense LED string current with
an external resistor connected between VIN and
SENSE.
5
1
8
VIN
Supply Input Voltage.
--
5, 6
7
NC
No Internal Connection.
RT8471
VIN
GND
SENSE
LX
ADJ
VIN
7V to 36V
optional
RS
L
D
CIN
Pin Configurations
(TOP VIEW)
TSOT-23-5
LX GND ADJ
VIN
SENSE
4
23
5
SOP-8 (Exposed Pad)
VIN
SENSE
GND
ADJ
GND
LX
NC
NC
GND
2
3
4
5
6
7
8
9
SENSE
VIN
NC
LX
LX
ADJ
GND
GND
5
6
7
8
4
3
2
GND
9
MSOP-8 (Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com