Electronic Components Datasheet Search
  English  ▼

X  

RT8498 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8498
Description  8V Multi-Topology LED Driver with Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8498 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8498 Datasheet HTML 1Page - Richtek Technology Corporation RT8498 Datasheet HTML 2Page - Richtek Technology Corporation RT8498 Datasheet HTML 3Page - Richtek Technology Corporation RT8498 Datasheet HTML 4Page - Richtek Technology Corporation RT8498 Datasheet HTML 5Page - Richtek Technology Corporation RT8498 Datasheet HTML 6Page - Richtek Technology Corporation RT8498 Datasheet HTML 7Page - Richtek Technology Corporation RT8498 Datasheet HTML 8Page - Richtek Technology Corporation RT8498 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8498
®
DS8498-01 April 2017
www.richtek.com
1
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
18V Multi-Topology LED Driver with Dimming Control
General Description
The RT8498 is a current-mode LED driver supporting wide
input voltage range from 3V to 18V and output voltage up
to 18V. With internal 350kHz operating frequency, the size
of the external PWM inductor and input/output capacitors
can be minimized. High efficiency is achieved by a 100mV
current sensing control. LED dimming control can be done
from either analog or PWM signal. The RT8498 provides
an internal soft-start function to avoid inrush current and
thermal shutdown to prevent the device from overheat.
The RT8498 is available in the SOT-23-6 package.
Features
High Voltage : VIN Up to 18V, VOUT Up to 18V
Built-In 2A Power Switch
Current-Mode PWM Control
350kHz Fixed Switching Frequency
Analog, PWM Digital or PWM Converting to Analog
with One External Capacitor
Internal Soft-Start to Avoid Inrush Current
Under-Voltage Lockout
Internal Over Voltage Protection to Limit Output
Voltage
Cycle-by Cycle Current Limit
Thermal Shutdown
Applications
GPS, Portable DVD Backlight
Display Cabinet Lamp and Room Lighting
IP Camera
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8498
Package Type
E : SOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)
Pin Configuration
(TOP VIEW)
SOT-23-6
SW GND DCTL
ISN VCC ACTL
4
23
5
6
Marking Information
47=DNN
47= : Product Code
DNN : Date Code


Similar Part No. - RT8498

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
High Voltage High Current LED Driver Controller
RT8494GS RICHTEK-RT8494GS Datasheet
265Kb / 17P
High Voltage High Current LED Driver Controller
RT8497 RICHTEK-RT8497 Datasheet
695Kb / 12P
Power MOSFET Integrated High Efficiency BCM LED Driver
More results

Similar Description - RT8498

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
White LED Driver with Automatic Dimming Control
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
3A LED Driver with Dimming Control
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
High Voltage Multi-Topology LED Driver
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
BW9130HV 3A LED Driver with Dimming Control
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
LED Driver with Square-Law Dimming Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Texas Instruments
LP8868X-Q1 TI1-LP8868X-Q1 Datasheet
1Mb / 33P
LP8868X-Q1 family Automotive 65-V 4-A Multi-Topology LED Driver with Inductive Fast Dimming
JULY 2023
LP8868U-Q1 TI-LP8868U-Q1 Datasheet
2Mb / 40P
LP8868-Q1 Automotive Multi-Topology LED Driver with Inductive Fast Dimming
REVISED NOVEMBER 2023
LP8865U-Q1 TI1-LP8865U-Q1 Datasheet
5Mb / 48P
LP8865-Q1 Automotive Multi-Topology LED Driver with Inductive Fast Dimming
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com