Electronic Components Datasheet Search
  English  ▼

X  

RT9428 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9428
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9428 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9428 Datasheet HTML 1Page - Richtek Technology Corporation RT9428 Datasheet HTML 2Page - Richtek Technology Corporation RT9428 Datasheet HTML 3Page - Richtek Technology Corporation RT9428 Datasheet HTML 4Page - Richtek Technology Corporation RT9428 Datasheet HTML 5Page - Richtek Technology Corporation RT9428 Datasheet HTML 6Page - Richtek Technology Corporation RT9428 Datasheet HTML 7Page - Richtek Technology Corporation RT9428 Datasheet HTML 8Page - Richtek Technology Corporation RT9428 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9428
®
DS9428-01
October 2014
www.richtek.com
1
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Host-Side Single Cell Lithium Battery Gauge
General Description
The RT9428 is a compact, host-side fuel gauge IC for
lithium-ion (Li+) battery-powered systems.
For the embedded Fuel Gauge function, the state-of-
charge (SOC) calculation is based on the battery voltage
information and the dynamic difference between battery
voltage and relaxed OCV, by using iteration to estimate
the increasing or decreasing SOC.
Voltage-based algorithm can support smoothly SOC and
does not accumulate error with time and current. That is
an advantage compared to coulomb counter which suffer
from SOC drift caused by current-sense error and battery
self-discharge. The disadvantage of voltage-based fuel
gauge, it can report incremental SOC (%), but can't report
capacity (mAh).
A quick sensing operation provides a good initial estimate
of the battery's SOC. This feature allows the IC to be
located on system side, reducing cost and supply chain
constraints on the battery. Measurement and estimated
capacity data sets are accessed through an I2C interface.
The RT9428 is available in the WL-CSP-8B 1.6x1.52 (BSC)
package.
Features
Host-Side Fuel Gauging
Precision Voltage Measurement
±±±±±7.5mV Accuracy
Accurate Relative Capacity (RSOC) Calculated from
Voltaic Gauge Algorithm with Temperature
Compensation
No Accumulation Error on Capacity Calculation
No Battery Relearning Necessary
No Current Sense Resistor Required
External Alarm/Interrupt for Low Battery Alert
I2C Compatible Interface
Low Power Consumption
RoHS Compliant and Halogen Free
Applications
Smartphones
Tablet PC
Digital Still Cameras
Digital Video Cameras
Handheld and Portable Applications
Simplified Application Circuit
VBAT
RT9428
QS
TEST
SDA
GND
VDD
SCL
System
Processor
SDA
SCL
C1
+
Li +
Protection
Circuit
ALERT
IRQ
PMIC_VBAT
PMIC_GND
PACK-
PACK+


Similar Part No. - RT9428

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9420 RICHTEK-RT9420 Datasheet
235Kb / 14P
Host-Side Single Cell Lithium Battery Gauge
More results

Similar Description - RT9428

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9420 RICHTEK-RT9420 Datasheet
235Kb / 14P
Host-Side Single Cell Lithium Battery Gauge
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
single-cell lithium-ion battery charger
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
Single-cell lithium-ion battery
HM5055A HMSEMI-HM5055A Datasheet
2Mb / 11P
Single-cell lithium-ion battery
HM4091B HMSEMI-HM4091B Datasheet
1Mb / 10P
Single-cell lithium iron phosphate battery
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4208 HMSEMI-HM4208 Datasheet
959Kb / 7P
single cell lithium battery constant
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
Single cell lithium battery protection IC
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
single-cell lithium-ion/lithium polymer rechargeable battery packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com