Electronic Components Datasheet Search
  English  ▼

X  

RT9526GE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9526GE
Description  Linear Single Cell Li-Ion Battery Charger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526GE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9526GE Datasheet HTML 1Page - Richtek Technology Corporation RT9526GE Datasheet HTML 2Page - Richtek Technology Corporation RT9526GE Datasheet HTML 3Page - Richtek Technology Corporation RT9526GE Datasheet HTML 4Page - Richtek Technology Corporation RT9526GE Datasheet HTML 5Page - Richtek Technology Corporation RT9526GE Datasheet HTML 6Page - Richtek Technology Corporation RT9526GE Datasheet HTML 7Page - Richtek Technology Corporation RT9526GE Datasheet HTML 8Page - Richtek Technology Corporation RT9526GE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9526A
2
DS9526A-03 July 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
WDFN-8L 2x3
SOT-23-6
1
3
VIN
Supply Voltage Input. VIN can withstand up to 28V input.
2
--
PGB
Power Good Indicator. This pin connects to VIN with 10SL N-MOSFET
as power good condition.
3
1
CHG_SB
Charge Status Indicator Output (Open-Drain). Indicate low when
battery is charging; indicate high when battery charging finished or any
fault happened.
4
--
ENB
Enable Control Input (Active Low). Connect this pin with a 200k
pull-low resistor.
5,
9 (Exposed Pad)
2
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
6
6
IMIN
EOC Current Setting.
7
5
ISET
Charge Current Set Point.
8
4
BATT
Battery Charge Current Output.
Pin Configurations
(TOP VIEW)
WDFN-8L 2x3
VIN
ENB
PGB
BATT
ISET
IMIN
GND
CHG_SB
9
7
6
5
1
2
3
4
8
SOT-23-6
CHG_SB GND VIN
IMIN ISET BATT
4
23
5
6
Marking Information
05 : Product Code
W : Date Code
05W
0X=DNN
RT9526AGQW
RT9526AGE
0X= : Product Code
DNN : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com