Electronic Components Datasheet Search
  English  ▼

X  

BAT42WS Datasheet(PDF) 1 Page - First Components International

Part # BAT42WS
Description  200 mA Surface Mounted Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BAT42WS Datasheet(HTML) 1 Page - First Components International

  BAT42WS Datasheet HTML 1Page - First Components International BAT42WS Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
BAT42WS/BAT43WS
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Blocking
Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current
IFM
200
mA
Repetitive Peak Forward Current@t<1.0s
IFRM
500
mA
Peak forward surge current @<10ms
IFSM
4.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
K/W
Storage temperature
TSTG
-55~+125
℃
Electrical Ratings @TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V (BR)R
30
V
IR=100µA
VF
1.0
V
IF=200mA
VF
0.4
V
IF=10mA
VF
0.65
V
IF=50mA
VF
0.26
0.33
V
IF=2mA
All Types
BAT42W
Forward voltage
BAT42W
BAT43W
BAT43W
VF
0.45
V
IF=15mA
Reverse current
IR
0.5
µA
VR=25V
Capacitance between terminals
CT
10
pF
VR=1.0V,f=1.0MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOD-323
200 mA Surface Mounted
Schottky Barrier Rectifiers


Similar Part No. - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT42WS WTE-BAT42WS Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Jiangsu Changjiang Elec...
BAT42WS JIANGSU-BAT42WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT42WS WEITRON-BAT42WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT42WS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT42W FCI-BAT42W Datasheet
201Kb / 2P
200 mA Surface Mounted Schottky Barrier Rectifiers Low Forward Voltage Drop
SD103AMM FCI-SD103AMM Datasheet
561Kb / 2P
350 mA Surface Mounted Schottky Barrier Rectifiers Low Forward Voltage Drop
logo
Shanghai Leiditech Elec...
DSK12L LEIDITECH-DSK12L Datasheet
514Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSK16L LEIDITECH-DSK16L Datasheet
712Kb / 2P
Surface Mounted Low VF Schottky Barrier Rectifiers
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSK36L LEIDITECH-DSK36L Datasheet
749Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
SS34LVFA LEIDITECH-SS34LVFA Datasheet
658Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS24LB LEIDITECH-SS24LB Datasheet
671Kb / 2P
Surface Mounted Low VF Trench Schottky Barrier Rectifiers
SS14F LEIDITECH-SS14F Datasheet
805Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com