Electronic Components Datasheet Search
  English  ▼

X  

GS1B Datasheet(PDF) 1 Page - First Components International

Part # GS1B
Description  1.0Amp Glass Passivated Surface Mount STD Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GS1B Datasheet(HTML) 1 Page - First Components International

  GS1B Datasheet HTML 1Page - First Components International GS1B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in Inch(mm)
Features
Mechanical Data
■
Lead free product
■
Case Packed with
EPOXY
■
Leadless chip form, no lead Damage
▓
Mounting: Position Any
■
Lead free Solder joint
external
■
Terminals: Pure Tin Plated
■
Low profile package
Solderable per MIL-STD-
202E,
■
For surface mounted application
Method 20
8C
■
Built-in strain relief
■
Plastic package has Underwriters Lab.
■
Low power loss, high efficiency
■ Flammability Classification 94V-0
■
High current capability
■
Polarity: Laser Marking
A,B,G,J,K,M
■
High surge capacity
■
Weight: 0.0
64g
AB
G
JKM
Vrrm
100
200
400
600
800
1000
V
Vrms
70
140
280
420
560
700
V
Vdc
100 200
400
600
800
1000
V
Iav
A
IFSM
A
VF
V
trr
nS
Cj
pF
Tj,Tstg
C
Note 3: Preliminary Draft
IR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note 1: Reverse recovery time test condition: IF 0.5A, IR 1.0A, Irr 0.25A
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0 voltage
3000
12
-65 to +175
uA
1
GS1B~1M
30
1.1
1.0
30
50
Maximum reverse recovery time(note1)
Typical junction capacitance(note2)
Operating junction and storage temperature range
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current Ta=25C
at rated DC blocking voltage Ta=125C
Ta=150C
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current 8.3ms single half-wave
superimposed on rated load(JEDEC Method)
UNITS
Maximum rep
etitive peak reverse voltage
SOD-123
Rating at 25C ambient temperature
unless otherwise specified
SYMBOLS
1.0
Amp Glass Passivated
Surface Mount STD Diode


Similar Part No. - GS1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1B PANJIT-GS1B Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1B SURGE-GS1B Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1B TRSYS-GS1B Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
GS1B JGD-GS1B Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Dc Components
GS1B DCCOM-GS1B Datasheet
417Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - GS1B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA400XSA CYSTEKEC-CSMA400XSA Datasheet
125Kb / 3P
1.0Amp. Surface Mount Glass Passivated Type Rectifiers
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Cystech Electonics Corp...
CSOD400XSF CYSTEKEC-CSOD400XSF Datasheet
136Kb / 3P
1.0Amp. Surface Mount Glass Passivated Type Rectifiers
logo
Chongqing Pingwei Enter...
S1AF CHONGQING-S1AF_16 Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
DIYI Electronic Technol...
A1-A7 DYELEC-A1-A7 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
A1N DYELEC-A1N Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
A1U DYELEC-A1U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
MB05FU SMCDIODE-MB05FU Datasheet
316Kb / 5P
1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com