Electronic Components Datasheet Search
  English  ▼

X  

LM7596 Datasheet(PDF) 2 Page - First Components International

Part # LM7596
Description  LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM7596 Datasheet(HTML) 2 Page - First Components International

  LM7596 Datasheet HTML 1Page - First Components International LM7596 Datasheet HTML 2Page - First Components International LM7596 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings
Operating Conditions
Maximum Supply Voltage
45V
Temperature Range
-40°C ≤ TJ ≤ +125°C
ON /OFF Pin Input Voltage
-0.3 ≤ V ≤ +25V
Supply Voltage
4.5V to 40V
Feedback Pin Voltage
-0.3 ≤ V ≤ +25V
Output Voltage to Ground
-1V
Storage Temperature Range
-65°C to +150°C
Power Dissipation
Internally limited
Maximum Junction Temperature
+150°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Tj=25°C. VIN = 12V for the 3.3V, 5V and Adjustable version and VIN = 24V for the 12V
version. ILOAD = 500mA.
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
LM7596-3.0
4.75V
≤ VIN ≤ 40V,
0.2A
≤ ILOAD ≤ 3A
3.20
3.30
3.40
LM7596-5.0
7V
≤ VIN ≤ 40V,
0.2A
≤ ILOAD ≤ 3A
4.85
5.0
5.15
Output Voltage
VOUT
LM7596-12
15V
≤ VIN ≤ 40V,
0.2A
≤ ILOAD ≤ 3A
11.64
12.0
12.36
V
LM7596-3.0
ILOAD = 3A
73
LM7596-5.0
ILOAD = 3A
80
LM7596-12
VIN =24V,ILOAD = 3A
90
Efficiency
η
LM7596-Adj
VIN =12V, VOUT = 3V,
ILOAD = 3A
73
%
Feedback Voltage
VFB
LM7596-Adj
4.5V
≤ VIN ≤ 40V,
0.2A
≤ ILOAD ≤ 3A,
VOUT programmed for 3V
1.210
1.230
1.250
V
Feedback Bias Current
Ib
LM7596-Adj
VFB = 1.3V
15
50
nA
Oscillator Frequency
fO
127
150
173
kHz
Saturation Voltage
VSAT
IOUT = 3A (Note 1,2)
1.16
1.4
V
Max Duty Cycle (ON)
(Note 2)
100
Min Duty Cycle (OFF)
DC
(Note 3)
0
%
Current Limit
ICL
Peak Current (Note 1,2)
3.4
4.5
6.0
A
Output = 0V (Note 1,3)
50
µA
Output Leaked Current
IL
Output = -1V, VIN = 40V
2
30
mA
Quiescent Current
IQ
(Note 3)
5
10
mA
Standby
Quiescent Current
ISTBY
ON/OFF pin = 5V (OFF), VIN = 40V
100
200
µA
1.3
VIH
Low (Regulator ON)
0.6
ON/OFF Pin Logic
Input
Threshold Voltage
VIL
High (Regulator OFF)
2.0
V
IH
VLOGIC = 2.5V (Regulator OFF)
5
15
ON/OFF Pin Input
Current
IL
VLOGIC = 0.5V (Regulator ON)
0.02
5
µA
Note 1: No elements connected to output pin.
Note 2: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 3: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the A version, and 15V
for the 12V version. To force the output transistor switch OFF.
LM7596 Simple Switcher Power Converter 150kHz
3A Step-Down Voltage Regulator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com