Electronic Components Datasheet Search
  English  ▼

X  

OG4001 Datasheet(PDF) 1 Page - First Components International

Part # OG4001
Description  40AMP Power Pack GPP Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

OG4001 Datasheet(HTML) 1 Page - First Components International

  OG4001 Datasheet HTML 1Page - First Components International OG4001 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
MECHANICAL DIMENSION
TO-3P-2L
FEATURES
MECHANICAL DATA
□
High surge Current Capability
□
Case: JEDEC TO-3P-2L Molded
□
High Forward Current Capability
Plastic Body
□
Low Forward Voltage Drop
□
Terminals: Plated Leads Solderable
□
Glass Passivated Chip Junction
per MIL-STD_750, Method 2026
□
High Temperature Soldering Guaranteed
□
Plastic package : Flammability
Classification 94V-0
Maximum Ratings And Electrical Characteristics (Ta=25℃)
OG40
Parameters
Symbol
01
02
03
04
05
06
07
Average forward current, Io at Tc =100℃
60Hz, Resistive or Inductive Load
IF
40.0A
Peak Repetitive Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Max RMS Voltage
V RMS
35
70
140
280
420
560
700
DC Blacking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage @IF= 40A
VF
1.1
Non-Peak Forward Surge Current, @Rated
Load Conditions 8.3mS 1/2 Sine-Wave
IFMS
400A
Max. Reverse Current IR At Rated DC
Reverse Voltage. Tc =25/100℃
IR
5.0uA
250uA
Typical thermal Resistance,
RθJC
--------------------------------1.5℃/W-----------------------------------
Typical Junction Capacitance (Note:1)
Cj
----------------------------------160pF-----------------------------------
Operating and Storage Temperature Range
To/Ts
------------------------------ -65 to +175℃----------------------------
NOTE: 1. MEASURED AT 1 MHZ AND A APPLIED REVERSE VOLTAGE OF 4.0VD.C.


Similar Description - OG4001

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR627CTM SSDI-SDR627CTM Datasheet
195Kb / 2P
40AMP 700VOLTS ISOLATED FLAT PACK ULTRA FAST RECTIFIER POSITIVE CENTERTAP
logo
Rectron Semiconductor
GDSGA0-500E RECTRON-GDSGA0-500E Datasheet
188Kb / 2P
STANDARD GPP CHIP - 100MIL
GNSG50-500E RECTRON-GNSG50-500E Datasheet
91Kb / 2P
STANDARD GPP CHIP - 50MIL
GNSG70-500E RECTRON-GNSG70-500E Datasheet
189Kb / 2P
STANDARD GPP CHIP - 70MIL
logo
Sirectifier Global Corp...
SBL40B45CTH SIRECT-SBL40B45CTH Datasheet
140Kb / 2P
Power Schottky Rectifier - 40Amp 45Volt
logo
First Components Intern...
FGF2001 FCI-FGF2001 Datasheet
107Kb / 2P
20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
FGF4001 FCI-FGF4001 Datasheet
4Mb / 2P
40AMP ISOLATED POWER PACK GPP STANDARD RECTIFERS
UFP30C05 FCI-UFP30C05 Datasheet
175Kb / 2P
30 Amp GPP SUPERFAST POWER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR4060CT KERSEMI-MBR4060CT Datasheet
864Kb / 2P
Power Schottky Rectifier - 40Amp 60Volt
logo
First Components Intern...
OGF4007 FCI-OGF4007 Datasheet
192Kb / 2P
40Amp Isolated Pwer Pack GPP Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com