Electronic Components Datasheet Search
  English  ▼

X  

OGF6007 Datasheet(PDF) 1 Page - First Components International

Part # OGF6007
Description  60Amp Glass Passivated Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

OGF6007 Datasheet(HTML) 1 Page - First Components International

  OGF6007 Datasheet HTML 1Page - First Components International OGF6007 Datasheet HTML 2Page - First Components International OGF6007 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feature
Mechanical Data
▓ Very Low Forward Voltage Drop
▓ Case: ITO-247AC Molded Plastic
▓ High Current Capability
▓ Epoxy: UL94-V Rate Flame Retardant
▓ High Reliability
▓ Terminals: Lead Solderable per
▓ High Surge Current Current capability
MIL-STD-202 Method 208 Guaranteed
▓ Outline Free Pb
▓ Weight: 5.2grams(approx.)
Max Ratings at Ta=25C Unless Otherwise Specified
Symbol
OGF6007
Unit
Vrrm
1000
V
Vrwm
1000
V
Vdc
1000
V
Vr(rms)
700
V
IF(AV)
60
A
IFSM
950
A
1.00/0.84
0.87/0.66
Ir
10/500
uA
Tj/Ts
-40~+175 / -40~+175
C
Rthjc
1.2
C
/W
Rthcs
1
.1
C/W
Rthja
40
C/W
Thermal Resistance Junction to Ambient
Operating & Storage Temp. Range
working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Thermal Resistance Junction to Case
non-Repetitive peak Surge Current 10ms
Sine pulse, rated Vrrm applied
Max Forward Voltage IF=60A/11A @150C
Forward Continuous Current
V
Max Forward Voltage IF=60A/11A @25C
ITO-247AC(ITO-3P-2L)
Dimensions in mm
Reverse Leakage Current WITH Vr @
25C/150C
Thermal Resistance Case to Heatsink
Characteristic
Vf


Similar Part No. - OGF6007

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
OGF4007 FCI-OGF4007 Datasheet
192Kb / 2P
40Amp Isolated Pwer Pack GPP Standard Rectifiers
More results

Similar Description - OGF6007

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
First Components Intern...
FG10A01 FCI-FG10A01 Datasheet
4Mb / 2P
10 Amp Glass Passivated Standard Rectifiers
FG1001 FCI-FG1001 Datasheet
378Kb / 2P
10 Amp Glass Passivated Standard Rectifiers
FGFP6007 FCI-FGFP6007 Datasheet
442Kb / 3P
60 Amp Glass Passivated Standard Rectifiers
FGP6007 FCI-FGP6007 Datasheet
324Kb / 3P
60 Amp Glass Passivated Standard Rectifiers
OG6007 FCI-OG6007 Datasheet
184Kb / 3P
60AMp Glass Passivated Standard Rectifiers
logo
GOOD-ARK Electronics
KBJ6A GOOD-ARK-KBJ6A Datasheet
221Kb / 2P
Surface Mount Glass Passivated Standard Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com