Electronic Components Datasheet Search
  English  ▼

X  

RL201G Datasheet(PDF) 2 Page - First Components International

Part # RL201G
Description  2.0 Amp Glass Passivated Junction Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

RL201G Datasheet(HTML) 2 Page - First Components International

  RL201G Datasheet HTML 1Page - First Components International RL201G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and Characteristic Curves(Ta=25C unless otherwise noted)
FIG. 1
– FORWARD CURRENT DERATING
CURVE
AMBIENT TEMPERATURE (℃)
1.0
0.5
0
25
3.0
1.5
2.0
2.5
50
125
100
75
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
TJ = 25
°C
f = 1 MHz
1
100
10
1
4
10
100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
0.1
1.0
0.01
10
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
TJ= 25
°C
PULSE WIDTH 300us
NUMBER OF CYCLES AT 60Hz
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
1
50
40
30
20
10
0
60
2
5
10
20
100
50
70
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com