Electronic Components Datasheet Search
  English  ▼

X  

MK149106 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK149106
Description  AMD Geode??Clock Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK149106 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK149106 Datasheet HTML 1Page - Integrated Circuit Systems MK149106 Datasheet HTML 2Page - Integrated Circuit Systems MK149106 Datasheet HTML 3Page - Integrated Circuit Systems MK149106 Datasheet HTML 4Page - Integrated Circuit Systems MK149106 Datasheet HTML 5Page - Integrated Circuit Systems MK149106 Datasheet HTML 6Page - Integrated Circuit Systems MK149106 Datasheet HTML 7Page - Integrated Circuit Systems MK149106 Datasheet HTML 8Page - Integrated Circuit Systems MK149106 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMD Geode™ Clock Source
MDS 1491-06 J
5
Revision 110204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1491-06
External Components
The MK1491-06 requires some inexpensive external
components for proper operation. Decoupling
capacitors of 0.1µF should be connected on each VDD
pin to ground, as close to the MK1491-06 as possible.
A series termination resistor of 33
Ω may be used for
each clock output. See the discussion below for other
external resistors required for proper I/O operation. The
14.3 MHz oscillator has internal caps that provide the
proper load for a parallel resonant crystal with CL=18
pF. For tuning with other values of CL, the formula
2*(CL-18) gives the value of each capacitor that should
be connected between X1 and ground and X2 and
ground.
I/O Structure
The MK1491-06 provides more functionality in a 28-pin
package by using a unique I/O technique. The device
checks the status of all I/O pins during power-up and at
exit from the Power Down state. This status (pulled
high, low, or mid-level) then determines the frequency
selections and power down modes (see the tables on
pages 2 and 4). Within 10ms after power up, the inputs
change to outputs and the clocks start up. In the
diagrams to the right, the 33
Ω resistors are the normal
output termination resistors. The 10k
Ω resistor pulls
low to generate a logic zero. Weak internal pull-up
resistors are present on SEL24, EPCI#, FS, LE#,
PCISTP#, and SLOW#. These pins should be
connected directly to VDD or GND if not under active
control. Internal resistors on PEN, SEL AUDIO, and TS
pull to a mid-level (M).
*Note: Do not use a TTL load. This will overcome the
10 k
Ω pull-down and force the input to a logic 1.
33
To load*
10 k
I/O
For select
= 0 (low)
Do not stuff for
“1” selection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com