Electronic Components Datasheet Search
  English  ▼

X  

MKS02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MKS02
Description  Metallized polyester capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MKS02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MKS02 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS02 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metallized polyester capacitors
in PCM 2.5 mm
Ideally suited for decoupling up to high-frequency ranges.
Very advantageous
volume/capacitance ratio.
Wide capacitance range with smallest box sizes.
PCM 2.5
mm technology with low self-inductance for low damping applications.
Available taped
and reeled.
Technical Data
Dielectric: Polyethylene terephthalate film.
Capacitor electrodes: Vacuum-deposited aluminium.
Encapsulation: Flame retardent plastic case,
UL 94 V-0, with epoxy resin seal.
Colour: Red. Marking: White.
Temperature range: -55° C to +100° C.
Test specifications: In accordance with
IEC 60384-2 and EN 130400 (u. prep.).
Test category: 55/100/21 in accordance with IEC.
Insulation resistance at +20° C:
In accordance with IEC 60384-2 and
EN 130400 (u. prep.).
Measuring time: 1 min.
Capacitance tolerances: +/-20%, +/-10%,
(+/-5% available subject to special enquiry).
Test voltage: 1.6 Vr, 2 sec.
Dissipation factors at +20° C: tan delta
Ur
Utest
C <= 0.33 µF
0.33µF
<C<=1.5µF
16 VDC
10 V
>= 3.75 x 103 MOhms
Mean value:1x104 MOhms
>= 1250 sec
(MOhms x µF)
Mean value:
3000 sec
50 VDC
10 V
>= 3.75 x 103 MOhms
Mean value:1x104 MOhms
>= 1250 sec
(MOhms x µF)
Mean value:
3000 sec
63 VDC
50 V
>= 1 x 104 MOhms
Mean value:2x104 MOhms
-
100VDC 100V
>= 1.5 x 104 MOhms
Mean value:3x104 MOhms
-
at f
C <= 0.1 µF
0.1 µF < C <= 1.5 µF
1 kHz
10 kHz
100 kHz
<= 8 x 10-3
<= 15 x 10-3
<= 25 x 10-3
<= 8 x 10-3
<=15 x 10-3
-
Maximum pulse rise time:
for pulses equal to the rated voltage.
Vibration: 6 hours at 10...2000 Hz and 0.75 mm
displacement amplitude or 10 g in accordance
with IEC 60068-2-6.
Low air density: 1 kPa = 10 mbar in accordance
with IEC 60068-2-13.
Bump test: 4000 bumps at 390 m/sec2 in accordance with
IEC 60068-2-29.
Voltage derating: A voltage derating factor of 1.25% per K
must be applied from +85° C for DC voltages and from +75°
C for AC voltages.
Impedance change with frequency
(general guide)
Capacitance
pF/µF
Pulse rise time V/µsec
max. operation
test
1000...2200
3300...6800
0.01...0.022
0.033...0.068
0.1...0.33
0.47 ...1.0
1.5
175
100
50
30
20
15
12
1750
1000
500
300
200
150
120


Similar Part No. - MKS02

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
General Purpose Relays
logo
Pro-Signal
MKS-34/WS PROSIGNAL-MKS-34/WS Datasheet
32Kb / 1P
2-way Cabinet Speakers
MKS-64/SW PROSIGNAL-MKS-64/SW Datasheet
32Kb / 1P
2-way Cabinet Speakers
logo
MKS Instruments.
MKS-CM MKS-MKS-CM Datasheet
481Kb / 4P
A Comprehensive Controls Solution
logo
JST Mfg. Co., Ltd.
MKS-L JST-MKS-L Datasheet
72Kb / 2P
SJN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
More results

Similar Description - MKS02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
Electronic Film Capacit...
1313EC EFC-1313EC Datasheet
11Kb / 1P
Metallized Polyester Capacitors
1313EF EFC-1313EF Datasheet
12Kb / 1P
Metallized Polyester Capacitors
1313EFR EFC-1313EFR Datasheet
13Kb / 1P
Metallized Polyester Capacitors
1313TC EFC-1313TC Datasheet
12Kb / 1P
Metallized Polyester Capacitors
1313TF EFC-1313TF Datasheet
12Kb / 1P
Metallized Polyester Capacitors
AC1313TF EFC-AC1313TF Datasheet
11Kb / 1P
Metallized Polyester Capacitors
SP1313TF EFC-SP1313TF Datasheet
13Kb / 1P
Metallized Polyester Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com