Electronic Components Datasheet Search
  English  ▼

X  

AX104R Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # AX104R
Description  SMD Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

AX104R Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  AX104R Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Inductors
AX104R Series
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
Notes:
1.Inductance measured at 100khz 1.0v without DC current. Tolerance:±30%(N).
2.Rated current is the approximate current at which inductance will be decreased
by 35% from its initial(zero DC)value.
3.DC Resistance measured at 20˚C.
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as
the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version
OUTLINE
Slim type.
Self shielded.
Height: 4.0mm Max.
Low resistance.
Excellent DC current characteristics.
APPLICATIONS
Laptop and Notebook computers and PDAs.
DC/DC converters.
Portable communication equipment.
Inductor for general purpose use.
Model
Inductance(1)
uH
Rated DC(2)
Current
Amps
DC
resistance(3)
Ω Max
Model
Inductance(1)
uH
Rated DC(2)
Current
Amps
DC
resistance(3)
Ω Max
AX104R-1R5
1.5
6.5
8.1m
AX104R-220
22.0
2.9
73m
AX104R-2R2
2.2
6.1
10m
AX104R-330
33.0
2.3
93m
AX104R-3R3
3.3
5.5
13m
AX104R-470
47.0
2.1
128m
AX104R-4R7
4.7
6.0
13m
AX104R-680
68.0
1.50
213m
AX104R-6R8
6.8
4.8
19.5m
AX104R-101
100
1.35
304m
AX104R-8R2
8.2
4.6
25m
AX104R-151
150
1.15
506m
AX104R-100
10.0
4.4
35m
AX104R-221
220
0.92
756m
AX104R-150
15.0
3.6
50m
AX104R-331
330
0.70
1.09
Mechanicals Dimensions=inches/mm
BOTTOM VIEW
TOP VIEW
(B)10.3MAX
4R7
AXIS
SIDE VIEW
(C)4.0MAX
LAND PATTERNS
3.0
3.6


Similar Part No. - AX104R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX104013 BELDEN-AX104013 Datasheet
215Kb / 2P
AX104013-CAT 5E KeyConect Patch Panel, 24 Port, 1U
11-19-2024
AX104014 BELDEN-AX104014 Datasheet
240Kb / 2P
AX104014-CAT 5E KeyConect Patch Panel, 48 Port, 2U
11-19-2024
AX104015 BELDEN-AX104015 Datasheet
274Kb / 2P
10GX RJ45 Coupler, KeyConnect Style
05-10-2023
AX104016 BELDEN-AX104016 Datasheet
274Kb / 2P
10GX RJ45 Coupler, KeyConnect Style
05-10-2023
AX104017 BELDEN-AX104017 Datasheet
274Kb / 2P
10GX RJ45 Coupler, KeyConnect Style
05-10-2023
More results

Similar Description - AX104R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com