Electronic Components Datasheet Search
  English  ▼

X  

MPC9608 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9608 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC9608 Datasheet HTML 1Page - Motorola, Inc MPC9608 Datasheet HTML 2Page - Motorola, Inc MPC9608 Datasheet HTML 3Page - Motorola, Inc MPC9608 Datasheet HTML 4Page - Motorola, Inc MPC9608 Datasheet HTML 5Page - Motorola, Inc MPC9608 Datasheet HTML 6Page - Motorola, Inc MPC9608 Datasheet HTML 7Page - Motorola, Inc MPC9608 Datasheet HTML 8Page - Motorola, Inc MPC9608 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC9608
TIMING SOLUTIONS
5
a.
AC characteristics apply for parallel output termination of 50
Ω to V
TT.
b.
PLL mode requires PLL_EN = 0 to enable the PLL and zero-delay operation.
c.
In bypass mode, the MPC9608 divides the input reference clock.
d.
Applies for bank A and for bank B if BSEL = 0. If BSEL = 1, the minimum and maximum output frequency of bank B is divided by two.
e.
Calculation of reference duty cycle limits: DCREF, MIN =tPW, MIN * fREF *100% and DCREF, MAX = 100% – DCREF, MIN. For example, at
fREF = 100 MHz the input duty cycle range is 20% < DC < 80%.
f.
-3 dB point of PLL transfer characteristics.
TABLE 7. AC CHARACTERISTICS (VCC = 3.3 V ± 5%, TA = -40° to 85°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input reference frequency in PLL modeb
F_RANGE = 00
F_RANGE = 01
F_RANGE = 10
F_RANGE = 11
Input reference frequency in PLL bypass modec
100
50
25
12.5
0
200
100
50
25
200
MHz
MHz
MHz
MHz
MHz
fmax
Output Frequencyd
F_RANGE = 00
F_RANGE = 01
F_RANGE = 10
F_RANGE = 11
100
50
25
12.5
200
100
50
25
MHz
MHz
MHz
MHz
BSEL = 0
BSEL = 0
BSEL = 0
BSEL = 0
tPW, MIN
Reference Input Pulse Widthe
2.0
ns
tr, tf
CCLK Input Rise/Fall Time
1.0
ns
0.8 V to 2.0 V
t(∅)
Propagation Delay (SPO) CCLK to FB_IN
fref = 100 MHz and above
fref = 12.5 MHz to 100 MHz
-175
-1.75% of tPER
+175
+1.75% of tPER
ps
ps
PLL Locked
tSK(o)
Output-to-Output Skew
Within a bank
Bank-to-bank
All outputs, inluding QFB
80
100
150
ps
DC
Output Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 V to 2.4 V
tPLZ, HZ
Output Disable Time
10
ns
tPZL, LZ
Output Enable Time
10
ns
tJIT(CC)
Cycle-to-cycle jitter
150
ps
BSEL = 0
tJIT(PER)
Period Jitter
150
ps
BSEL = 0
tJIT(∅)
I/O Phase Jitter
RMS (1
σ)
125
ps
BSEL = 0
BW
PLL closed loop bandwidthf
F_RANGE = 00
F_RANGE = 01
F_RANGE = 10
F_RANGE = 11
7 – 15
2 – 7
1 – 3
0.5 – 1.3
MHz
MHz
MHz
MHz
tLOCK
Maximum PLL Lock Time
10
ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com