Electronic Components Datasheet Search
  English  ▼

X  

1023890 Datasheet(PDF) 7 Page - SICK AG

Part # 1023890
Description  SAFETY LASER SCANNERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1023890 Datasheet(HTML) 7 Page - SICK AG

  1023890 Datasheet HTML 1Page - SICK AG 1023890 Datasheet HTML 2Page - SICK AG 1023890 Datasheet HTML 3Page - SICK AG 1023890 Datasheet HTML 4Page - SICK AG 1023890 Datasheet HTML 5Page - SICK AG 1023890 Datasheet HTML 6Page - SICK AG 1023890 Datasheet HTML 7Page - SICK AG 1023890 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
S30A-7011BA | S3000 Standard
SAFETY LASER SCANNERS
Brief description
Type
Part no.
1 piece, Mounting bracket, heavy-duty version, with protection cover, for floor mount-
ing, adjustable longitudinal and lateral axes via alignment plate, height adjustment
possible. Tilt angle ± 5º. Additional mounting brackets are not required., steel, painted
(RAL 1021)
Heavy-duty mounting kit
2080350
1 piece, mounting bracket for direct mounting, from the rear, on wall or machine, not
adjustable
Mounting kit 1
2015623
1 piece, mounting bracket for rear mounting on wall or machine, adjustable longitudi-
nal and lateral axes, only in conjunction with mounting kit 1 (2015623)
Mounting kit 2
2015624
1 piece, mounting bracket for rear mounting on wall, floor, or machine, adjustable
longitudinal and lateral axes, only in conjunction with mounting kit 1 (2015623) and
2 (2015624)
Mounting kit 3
2015625
Plug connectors and cables
Head A: cable
Head B: cable
Cable: drag chain use, PVC, unshielded
Connecting cable
6022651
Head A: cable
Head B: cable
Cable: PVC, shielded
Fitting for EFI connections
EFI connecting cable
6029448
Head A: male connector, M8, 4-pin, straight
Head B: male connector, USB-A, straight
Cable: PVC, unshielded, 2 m
DSL-8U04G02M025KM1
6034574
Head A: male connector, M8, 4-pin, straight
Head B: male connector, USB-A, straight
Cable: PVC, unshielded, 10 m
DSL-8U04G10M025KM1
6034575
Head A: system plug
Cable: without cable
Not for use of incremental encoders, integrated configuration storage
SX0A-A0000B
2023797
Head A: system plug
Cable: pre-assembled, Not for use of incremental encoders, integrated configuration
storage, PVC, unshielded, 5 m
SX0A-B0905B
2027170
Head A: system plug
Cable: Pre-assembled, cable connection at the rear, Not for use of incremental en-
coders, integrated configuration storage, PVC, unshielded, 5 m
SX0A-B0905G
2049222
Head A: system plug
Cable: pre-assembled, Not for use of incremental encoders, integrated configuration
storage, PVC, unshielded, 10 m
SX0A-B0910B
2027171
Head A: system plug
Cable: pre-assembled, Not for use of incremental encoders, integrated configuration
storage, PVC, unshielded, 20 m
SX0A-B0920B
2027814
2017-07-26 11:05:06 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com