Electronic Components Datasheet Search
  English  ▼

X  

FFM301 Datasheet(PDF) 1 Page - Formosa MS

Part # FFM301
Description  Chip Fast Recovery Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM301 Datasheet(HTML) 1 Page - Formosa MS

  FFM301 Datasheet HTML 1Page - Formosa MS FFM301 Datasheet HTML 2Page - Formosa MS FFM301 Datasheet HTML 3Page - Formosa MS FFM301 Datasheet HTML 4Page - Formosa MS FFM301 Datasheet HTML 5Page - Formosa MS FFM301 Datasheet HTML 6Page - Formosa MS FFM301 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Formosa MS
FFM301 THRU FFM307
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121208
2008/02/10
2010/03/10
D
7
Chip Fast Recovery Rectifiers


Similar Part No. - FFM301

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM301 RECTRON-FFM301 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FFM301 FORMOSA-FFM301 Datasheet
69Kb / 2P
Fast recovery type
logo
Weitron Technology
FFM301 WEITRON-FFM301 Datasheet
82Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
WILLAS ELECTRONIC CORP
FFM301 WILLAS-FFM301 Datasheet
1,014Kb / 2P
3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
logo
List of Unclassifed Man...
FFM301 ETC2-FFM301 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
More results

Similar Description - FFM301

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Formosa MS
FFM101-MH1 FORMOSA-FFM101-MH1 Datasheet
96Kb / 7P
Chip Fast Recovery Rectifiers
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
Chip Fast Recovery Rectifiers
FFM201-BS FORMOSA-FFM201-BS Datasheet
95Kb / 7P
Chip Fast Recovery Rectifiers
FFM201-S FORMOSA-FFM201-S Datasheet
95Kb / 7P
Chip Fast Recovery Rectifiers
FFM301-BS FORMOSA-FFM301-BS Datasheet
98Kb / 7P
Chip Fast Recovery Rectifiers
FFM101-M FORMOSA-FFM101-M_17 Datasheet
96Kb / 7P
Chip Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com