Electronic Components Datasheet Search
  English  ▼

X  

FM205 Datasheet(PDF) 2 Page - Formosa MS

Part # FM205
Description  Chip General Purpose Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM205 Datasheet(HTML) 2 Page - Formosa MS

  FM205 Datasheet HTML 1Page - Formosa MS FM205 Datasheet HTML 2Page - Formosa MS FM205 Datasheet HTML 3Page - Formosa MS FM205 Datasheet HTML 4Page - Formosa MS FM205 Datasheet HTML 5Page - Formosa MS FM205 Datasheet HTML 6Page - Formosa MS FM205 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight :
0.05 gram
•
•
•
•
•
•
DO-214AC / SMA
Approximated
Package outline
Page 2
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Features
.
High surge capability.
Glass passivated chip junction.
• Suffix "-H" indicates Halogen-free parts, ex. FM201-H.
•
•
•
•
•
•
FM201
FM202
FM203
35
70
140
50
100
200
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
FM204
FM205
280
420
400
600
1.10
-55 to +150
FM206
FM207
800
1000
560
700
50
100
200
400
600
800
1000
Formosa MS
FM201 THRU FM207
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
2.0
50
5.0
+175
-65
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
O
30
125
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
(C)
O
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.196(4.9)
0.180(4.5)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.068(1.7)
0.060(1.5)
0.032 (0.8) Typ.
0.032(0.8) Typ.
Dimensions in inches and (millimeters)
SMA
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
Chip General Purpose Rectifiers
DS-121107
2008/02/10
2015/10/12
E
7
Thermal resistance
R
θJA
OC/W
48
Junction to ambient
Junction to case
26
R
θJC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com